Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S24SE05002 Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # S24SE05002
Description  10W Single/Dual Output DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S24SE05002 Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  S24SE05002 Datasheet HTML 1Page - Delta Electronics, Inc. S24SE05002 Datasheet HTML 2Page - Delta Electronics, Inc. S24SE05002 Datasheet HTML 3Page - Delta Electronics, Inc. S24SE05002 Datasheet HTML 4Page - Delta Electronics, Inc. S24SE05002 Datasheet HTML 5Page - Delta Electronics, Inc. S24SE05002 Datasheet HTML 6Page - Delta Electronics, Inc. S24SE05002 Datasheet HTML 7Page - Delta Electronics, Inc. S24SE05002 Datasheet HTML 8Page - Delta Electronics, Inc. S24SE05002 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
S24SE/S24DE series
10W Single/Dual Output DC/DC Converter
DS_ S24SE/S24DE 10W _ 10172013
E-mail:DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P3
ELECTRICAL CHARACTERISTICS CURVES - S24SE05002, 9-36VIN, 5.0V/2A
60
63
66
69
72
75
78
81
84
87
90
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
OUTPUT CURRENT(A)
9Vin
24Vin
36Vin
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
OUTPUT CURRENT(A)
9Vin
24Vin
36Vin
Efficiency vs. load current for various input voltage at 25°C.
Full load input characteristics at room temperature.
Turn-on transient at full load current (10ms/div).
Top Trace: Vout; 2V/div; Bottom Trace: ON/OFF input: 5V/div.
Turn-on transient at full load current (10 ms/div).
Top Trace: Vout; 2V/div; Bottom Trace: input voltage: 8V/div.
Output voltage ripple at nominal input voltage and max load
current (20 mV/div, 2us/div)
Load cap: 10µF, tantalum capacitor and 1µF ceramic
capacitor. Bandwidth: 20 MHz.


Similar Part No. - S24SE05002

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S24SE05002 DELTA-S24SE05002 Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24SE05002NPFA DELTA-S24SE05002NPFA Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24SE05002NPFH DELTA-S24SE05002NPFH Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24SE05002NRFA DELTA-S24SE05002NRFA Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24SE05002NRFH DELTA-S24SE05002NRFH Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
More results

Similar Description - S24SE05002

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
IDD10-03S1U CHINFA-IDD10-03S1U_10 Datasheet
391Kb / 8P
   DC - DC CONVERTER 10W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24SE05002PDFA DELTA-S24SE05002PDFA Datasheet
928Kb / 14P
   10W Single/Dual Output DC/DC Converter
logo
Chinfa Electronics Ind....
IDD10-03S1U CHINFA-IDD10-03S1U Datasheet
405Kb / 8P
   DC - DC CONVERTER 10W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24SE DELTA-S24SE Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24DE150R3PDFA DELTA-S24DE150R3PDFA Datasheet
928Kb / 14P
   10W Single/Dual Output DC/DC Converter
logo
Chinfa Electronics Ind....
IDD10U CHINFA-IDD10U_16 Datasheet
238Kb / 4P
   DC - DC CONVERTER 10W SINGLE & DUAL OUTPUT
logo
Mean Well Enterprises C...
DKE10 MEANWELL-DKE10 Datasheet
184Kb / 1P
   10W DC-DC Regulated Dual Output Converter
SKE10 MEANWELL-SKE10 Datasheet
179Kb / 1P
   10W DC-DC Regulated Single Output Converter
logo
Microdc power Technolog...
10A-ZMD MICRODC-10A-ZMD Datasheet
434Kb / 3P
   10W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
MORNSUN Science& Techno...
URE2405LP-10WR3 MORNSUN-URE2405LP-10WR3 Datasheet
2Mb / 6P
   10W, Ultra wide input isolated & regulated dual/single Output,DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com