Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S24SE05002 Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # S24SE05002
Description  10W Single/Dual Output DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S24SE05002 Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button S24SE05002 Datasheet HTML 5Page - Delta Electronics, Inc. S24SE05002 Datasheet HTML 6Page - Delta Electronics, Inc. S24SE05002 Datasheet HTML 7Page - Delta Electronics, Inc. S24SE05002 Datasheet HTML 8Page - Delta Electronics, Inc. S24SE05002 Datasheet HTML 9Page - Delta Electronics, Inc. S24SE05002 Datasheet HTML 10Page - Delta Electronics, Inc. S24SE05002 Datasheet HTML 11Page - Delta Electronics, Inc. S24SE05002 Datasheet HTML 12Page - Delta Electronics, Inc. S24SE05002 Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
S24SE/S24DE series
10W Single/Dual Output DC/DC Converter
DS_ S24SE/S24DE 10W _ 10172013
E-mail:DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P11
Mechanical Drawing with heat sink(optional)
Mechanical Dimensions
Physical Outline
1
Heat sink
Material: Al-6063
Finish: anodize black
Weight: 4grams
2
Clamp
Material: spring steel
Finish: Nickel plating
3
Thermal pad
Material: Sil-pad
Thermal conductivity: 1.6W/m-K
4
Model weight: 22.5 grams
 All dimensions in mm (inches)
 Tolerance: X.X±0.5 (X.XX±0.02)
X.XX±0.25 ( X.XXX±0.010)
Note:
1.
add heat sink to help heat dissipation and increase reliability of convert oprating at high ambient temperature
2.
please refer derating curve while upgrate the operating temperature of converter
3.
heat sink will be mounted for volume orders,
separated heat sink only be supplied for prototype
4.
for model with heat sink option, the recommended layout only need note the length more larger than without heat sink


Similar Part No. - S24SE05002

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S24SE05002 DELTA-S24SE05002 Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24SE05002NPFA DELTA-S24SE05002NPFA Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24SE05002NPFH DELTA-S24SE05002NPFH Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24SE05002NRFA DELTA-S24SE05002NRFA Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24SE05002NRFH DELTA-S24SE05002NRFH Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
More results

Similar Description - S24SE05002

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
IDD10-03S1U CHINFA-IDD10-03S1U_10 Datasheet
391Kb / 8P
   DC - DC CONVERTER 10W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24SE05002PDFA DELTA-S24SE05002PDFA Datasheet
928Kb / 14P
   10W Single/Dual Output DC/DC Converter
logo
Chinfa Electronics Ind....
IDD10-03S1U CHINFA-IDD10-03S1U Datasheet
405Kb / 8P
   DC - DC CONVERTER 10W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24SE DELTA-S24SE Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24DE150R3PDFA DELTA-S24DE150R3PDFA Datasheet
928Kb / 14P
   10W Single/Dual Output DC/DC Converter
logo
Chinfa Electronics Ind....
IDD10U CHINFA-IDD10U_16 Datasheet
238Kb / 4P
   DC - DC CONVERTER 10W SINGLE & DUAL OUTPUT
logo
Mean Well Enterprises C...
DKE10 MEANWELL-DKE10 Datasheet
184Kb / 1P
   10W DC-DC Regulated Dual Output Converter
SKE10 MEANWELL-SKE10 Datasheet
179Kb / 1P
   10W DC-DC Regulated Single Output Converter
logo
Microdc power Technolog...
10A-ZMD MICRODC-10A-ZMD Datasheet
434Kb / 3P
   10W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
MORNSUN Science& Techno...
URE2405LP-10WR3 MORNSUN-URE2405LP-10WR3 Datasheet
2Mb / 6P
   10W, Ultra wide input isolated & regulated dual/single Output,DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com