Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PML-D1V100W1AGA Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # PML-D1V100W1AGA
Description  PMT Panel Mount Power Supply
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PML-D1V100W1AGA Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button PML-D1V100W1AGA Datasheet HTML 3Page - Delta Electronics, Inc. PML-D1V100W1AGA Datasheet HTML 4Page - Delta Electronics, Inc. PML-D1V100W1AGA Datasheet HTML 5Page - Delta Electronics, Inc. PML-D1V100W1AGA Datasheet HTML 6Page - Delta Electronics, Inc. PML-D1V100W1AGA Datasheet HTML 7Page - Delta Electronics, Inc. PML-D1V100W1AGA Datasheet HTML 8Page - Delta Electronics, Inc. PML-D1V100W1AGA Datasheet HTML 9Page - Delta Electronics, Inc. PML-D1V100W1AGA Datasheet HTML 10Page - Delta Electronics, Inc. PML-D1V100W1AGA Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TECHNICAL DATASHEET
PMT Panel Mount Power Supply
12V / 5V 100W Dual Output / PMT-D1V100W1A
□□
All parameters are specified at 25°C ambient unless otherwise indicated.
www.DeltaPSU.com (October 2013, Rev. 00)
7
Engineering Data
De-rating
Output De-rating VS. Input Voltage
Note
1.
Power supply components may degrade, or
be damaged, when the power supply is
continuously used outside the shaded region,
refer to the graph shown in Fig. 1.
2.
If the output capacity is not reduced when the
surrounding
air
temperature
>70°C,
the
device
will
run
into
Over
Temperature
Protection.
When
activated,
the
output
voltage will go into bouncing mode and will
recover
when
the
surrounding
air
temperature is lowered or the load is reduced
as far as necessary to keep the device in
working condition.
3.
In order for the device to function in the
manner intended, it is also necessary to keep
a safety distance of 20mm with adjacent units
while the device is in operation.
4.
Depending
on
the
surrounding
air
temperature and output load delivered by the
power supply, the device can be very hot!
5.
If the device has to be mounted in any other
orientation, please do not hesitate to contact
info@deltapsu.com for more details.
Fig. 1
De-rating for Vertical and Horizontal Mounting Orientation
> 50°C de-rate power by 2.5% / °C
No output power de-rating for the input
voltage from 100Vac to 132Vac & 200Vac to
264Vac


Similar Part No. - PML-D1V100W1AGA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PML-12V100W1AAA DELTA-PML-12V100W1AAA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PML-12V100W1AHA DELTA-PML-12V100W1AHA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PML-12V150W1AAA DELTA-PML-12V150W1AAA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PML-12V150W1AGA DELTA-PML-12V150W1AGA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PML-12V150W1AHA DELTA-PML-12V150W1AHA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
More results

Similar Description - PML-D1V100W1AGA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMT-24V100W1AX DELTA-PMT-24V100W1AX Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PMT-24V200W1AX DELTA-PMT-24V200W1AX Datasheet
1Mb / 14P
   PMT Panel Mount Power Supply
PMT-48V350W1AX DELTA-PMT-48V350W1AX Datasheet
980Kb / 14P
   PMT Panel Mount Power Supply
PMT-12V50W1AA DELTA-PMT-12V50W1AA Datasheet
662Kb / 11P
   PMT Panel Mount Power Supply
PMT-12V100W1AAA DELTA-PMT-12V100W1AAA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PMT-5V350W1AMA DELTA-PMT-5V350W1AMA Datasheet
1Mb / 12P
   PMT Panel Mount Power Supply
PMT-5V35W1AX DELTA-PMT-5V35W1AX Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PMT-24V350W1AX DELTA-PMT-24V350W1AX Datasheet
976Kb / 14P
   PMT Panel Mount Power Supply
PMT-36V350W1AX DELTA-PMT-36V350W1AX Datasheet
999Kb / 14P
   PMT Panel Mount Power Supply
PMT-D2V100W1AX DELTA-PMT-D2V100W1AX Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PMT-4V350W1AX DELTA-PMT-4V350W1AX Datasheet
986Kb / 12P
   PMT Panel Mount Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com