Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PML-24V200W1ANA Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # PML-24V200W1ANA
Description  PMT Panel Mount Power Supply
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PML-24V200W1ANA Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  PML-24V200W1ANA Datasheet HTML 1Page - Delta Electronics, Inc. PML-24V200W1ANA Datasheet HTML 2Page - Delta Electronics, Inc. PML-24V200W1ANA Datasheet HTML 3Page - Delta Electronics, Inc. PML-24V200W1ANA Datasheet HTML 4Page - Delta Electronics, Inc. PML-24V200W1ANA Datasheet HTML 5Page - Delta Electronics, Inc. PML-24V200W1ANA Datasheet HTML 6Page - Delta Electronics, Inc. PML-24V200W1ANA Datasheet HTML 7Page - Delta Electronics, Inc. PML-24V200W1ANA Datasheet HTML 8Page - Delta Electronics, Inc. PML-24V200W1ANA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TECHNICAL DATASHEET
PMT Panel Mount Power Supply
24V 200W 1 Phase / PMT-24V200W1A
□□
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (August 2013, Rev. 00)
3
Environment
Surrounding Air Temperature
Operating
-10°C to +60°C (Cold start at -20°C)
Storage
-25°C to +85°C
Power De-rating
> 40°C de-rate power by 2.5% / °C
< 100Vac de-rate power by 3% / 1V
Operating Humidity
10-95% RH (Non-Condensing)
Operating Altitude
5,000 Meters
Shock Test (Non-Operating)
IEC 60068-2-27, Half Sine: 50G for a duration of 11ms,
3 times for each 3 directions
Vibration (Non-Operating)
IEC 60068-2-6, Random: 5Hz to 500Hz @ 2.09Grms,
20 min per axis for all X, Y, Z direction
Pollution Degree
2
Protections
Overvoltage
27.6-32.4V, Hicc-up Mode, Non-Latching
(Auto-Recovery)
Overload / Overcurrent
105-150%, Hicc-up Mode, Non-Latching
(Auto-Recovery)
Over Temperature
Hicc-up Mode, Non-Latching
(Auto-Recovery when the fault is removed)
Short Circuit
Hicc-up Mode, Non-Latching
(Auto-Recovery when the fault is removed)
Protection Against Shock
Class I with PE* connection
*PE: Primary Earth
Reliability Data
MTBF
> 700,000 hrs. as per Telcordia SR-332
I/P: 100Vac, O/P: 100% load, Ta: 35°C
Expected Cap Life Time
10 years (115Vac & 230Vac, 50% load @ 40°C)
Safety Standards / Directives
Electrical Safety
UL/cUL recognized to UL 60950-1 and CSA C22.2 No.
60950-1, CB scheme to IEC 60950-1
Material and Parts
RoHS Directive 2011/65/EU Compliant
Galvanic Isolation
Input to Output
3.0KVac
Input to Ground
1.5KVac
Output to Ground
0.5KVac


Similar Part No. - PML-24V200W1ANA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PML-24V100W1AAA DELTA-PML-24V100W1AAA Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PML-24V100W1AGA DELTA-PML-24V100W1AGA Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PML-24V100W1AHA DELTA-PML-24V100W1AHA Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PML-24V150W1AGA DELTA-PML-24V150W1AGA Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PML-24V150W1AHA DELTA-PML-24V150W1AHA Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
More results

Similar Description - PML-24V200W1ANA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMT-24V100W1AX DELTA-PMT-24V100W1AX Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PMT-24V200W1AX DELTA-PMT-24V200W1AX Datasheet
1Mb / 14P
   PMT Panel Mount Power Supply
PMT-48V350W1AX DELTA-PMT-48V350W1AX Datasheet
980Kb / 14P
   PMT Panel Mount Power Supply
PMT-12V50W1AA DELTA-PMT-12V50W1AA Datasheet
662Kb / 11P
   PMT Panel Mount Power Supply
PMT-12V100W1AAA DELTA-PMT-12V100W1AAA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PMT-5V350W1AMA DELTA-PMT-5V350W1AMA Datasheet
1Mb / 12P
   PMT Panel Mount Power Supply
PMT-5V35W1AX DELTA-PMT-5V35W1AX Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PMT-24V350W1AX DELTA-PMT-24V350W1AX Datasheet
976Kb / 14P
   PMT Panel Mount Power Supply
PMT-36V350W1AX DELTA-PMT-36V350W1AX Datasheet
999Kb / 14P
   PMT Panel Mount Power Supply
PMT-D2V100W1AX DELTA-PMT-D2V100W1AX Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PMT-4V350W1AX DELTA-PMT-4V350W1AX Datasheet
986Kb / 12P
   PMT Panel Mount Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com