Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM2200 Datasheet(PDF) 2 Page - Visual Communications Company

Part # CM2200
Description  Wedge Base
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

CM2200 Datasheet(HTML) 2 Page - Visual Communications Company

  CM2200 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
T-1 3/4 Wire Terminal (standard)
C -2F
C -2F
C -2F
C -2F
C -2F
C -2R
10,000
50,000
5,000
50,000
25,000
3,000
.030
.002
.080
.002
.150
.450
.022
.014
.040
.014
.085
.150
11.00
10.00
10.00
10.00
8.00
6.30
C M8946
C M2149
C M2107
C M1869
C M2178
C M8350
Number
P art
V oltage
Des ign
A mps
MS C P
Hours
L ife
T ype
F ilament
C M1739
C M2037
C M2039
C M2112
C M2179
C M2180
C M2181
6.30
6.30
6.30
6.30
6.30
6.30
6.30
.200
.040
.040
.200
.075
.200
.070
.400
.020
.030
.550
.230
.400
.230
20,000
20,000
20,000
5,000
1,000
20,000
1,000
C -2F
C -2V
C -2V
C -2R
C -2R
C -2R
C -2R
C -2F
C -2F
1,500
10,000
.500
.100
.080
.040
14.00
12.00
C M1705
C M2174
CC -2F
C -2F
C -2F
C -2F
CC -2F
C -2F
5,000
7,000
5,000
5,000
4,000
1,000
.200
.300
.500
.650
.150
.700
.025
.040
.050
.065
.024
.050
48.00
32.00
28.00
28.00
28.00
28.00
C M6748
C M1918
C M8461
C M8361
C M6033
C M2370
C M476
C M1749
C M1762
C M1764
C M2185
C M2187
C M2287
28.00
28.00
28.00
28.00
28.00
28.00
28.00
.040
.040
.040
.040
.040
.060
.060
.300
.300
.150
.340
.340
.340
.340
7,000
7,000
10,000
4,000
4,000
25,000
25,000
C -2F
C -2F
C -2F
C -2F
C -2F
C -2F
C -2F
B ead S eal
B utt S eal
MIN.
1.00
MAX.
.520
MAX.
.230
NOM.
.760
MAX.
.520
MAX.
.230
C -2F
C -2F
C -2F
C -2F
C -2F
C -2F
C -2F
10,000
40,000
40,000
10,000
2,000
5,000
1,000
.500
.300
.300
.150
.300
.500
.500
.100
.080
.080
.040
.040
.060
.050
14.00
14.00
14.00
18.00
22.00
24.00
24.00
C M2176
C M2041
C M8425
C M2102
C M2382
C M2182
C M2162


Similar Part No. - CM2200

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM2200 CML-CM2200 Datasheet
222Kb / 1P
   T-1 1/2 Wedge Base
More results

Similar Description - CM2200

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CM559 VCC-CM559 Datasheet
32Kb / 1P
   Wedge Base
CM11 VCC-CM11 Datasheet
28Kb / 1P
   Wedge,Midget Screw Base
CM914 VCC-CM914 Datasheet
28Kb / 1P
   Wedge Base Lens End
logo
Chicago Miniature Lamp,...
CM914 CML-CM914 Datasheet
223Kb / 1P
   T-5 Wedge Base
logo
LUMEX INC.
SSP-01TWB3SWB12 LUMEX-SSP-01TWB3SWB12 Datasheet
45Kb / 1P
   LED MINATURE WEDGE BASE LAMP
logo
Chicago Miniature Lamp,...
CM11 CML-CM11 Datasheet
223Kb / 1P
   T-1 3/4 Wedge Base
CM6502 CML-CM6502 Datasheet
222Kb / 1P
   T-1 1/2 Wedge Base
1260XLF CML-1260XLF Datasheet
70Kb / 1P
   T-31/4(10mm) Wedge base lamp
logo
LUMEX INC.
SSP-01TWB7UW12 LUMEX-SSP-01TWB7UW12 Datasheet
160Kb / 1P
   LED MINIATURE WEDGE BASE, BLUE, MILKY WHITE DIFFUSED
SSP-01TWB6UW12 LUMEX-SSP-01TWB6UW12 Datasheet
45Kb / 1P
   LED MINIATURE WEDGE BASE, RED, MILKY WHITE DIFFUSED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com