Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDS-8-014 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SDS-8-014
Description  SpectraDIL - 014 style SDS, SDC, SDD ranges
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDS-8-014 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SDS-8-014 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SpectraDIL - 014 style
SDS, SDC, SDD ranges
This series offers standard programme setting
switches to suit applications where ‘end stacking’
up to any number of switches without missing a
pitch is required.
Large numerals and actuators plus EIA colour
coded sliders with open access to them.
Base sealed for flow soldering. If immersion
washing, use 023 series.
1µm hard gold plated wiping contact gives high
reliability in low level circuits.
If you have a volume requirement for a
product variant not shown on this sheet
please contact us.
at 20˚C 70% R.H.
Contact Ratings: Non Switching: 100Vac, 5A
Switching: 1µV to 100V, 1µA to 1A up to 10VA.
Initial Contact Resistance: (at 10mV, 10mA max.)
Typical: 10m
Ω. Max. 20mΩ.
Insulation Resistance: (at 500Vdc min.) 10,000M
Ω.
Life: For the first 1000 closures the standard deviation of the
change in resistance from the mean is usually less than 1m
Ω.
Mechanical wear out of the sliding actuator is usually observed
after 10,000 operations.
Dielectric Strength: 1 minute: 500Vrms 50Hz.
Capacitance Between Open Contacts: < 1pf at 1KHz.
Temperature: Operating range for continuous electrical use
and manual operation is restricted to -55˚C to +100˚C for
standard products.
Humidity: BS 2011 Test Ca: 56 days.
Bump: BS 2011 Test Eb: No contact interruptions > 1µs during
4000 bumps at 390m/s2 (40g).
Acceleration: BS 2011 Test Ga: No contact interruptions > 1µs
during test at 980 m/s2 (100g).
Vibration: BS 2011 Test Fc: 10 to 2000Hz. No contact
interruptions > 1µs during test at 147m/s2 (15g) or 1.0mm
displacement amplitude.
Shock: BS 2011 Test Ea: 980 m/s2 (100g). No contact
interruptions > 1µs during test.
Soldering: solderability: < 2 seconds to wet at 235˚C as per
IEC 68 and BS 2011 Test T, solder bath method.
Resistance to soldering heat as per IEC 68 and BS 2011 10
seconds satisfactory at 260˚C when mounted on 1.5mm PCB.
Please note: BS 2011 is now superseded by BS EN 60068.
Principal Electrical and Performance Data
Number of
Part Nos
Length
s.p.s.t
SDS-plus
mm
suffix
max
1
1-014
3.1
2
2-014
5.0
4
4-014
10.1
6
6-014
15.0
8
8-014
20.1
10
10-014
25.2
SpectraDIL ON/OFF s.p.s.t
SDS 014 series
Number of
Part Nos
Length
s.p.d.t
SDC-plus
mm
suffix
max
1
1-014
5.0
2
2-014
10.1
3
3-014
15.0
4
4-014
20.1
5
5-014
25.2
SpectraDIL CHANGEOVER s.p.d.t.
SDC 014 series
Number of
Part Nos
Length
d.p.s.t
SDD-plus
mm
suffix
max
1
1-014
5.0
2
2-014
10.1
3
3-014
15.0
4
4-014
20.1
5
5-014
25.2
SpectraDIL GANGED ON/OFF d.p.s.t
SDD 014 series


Similar Part No. - SDS-8-014

ManufacturerPart #DatasheetDescription
logo
CUI INC
SDS-80J CUI-SDS-80J Datasheet
347Kb / 6P
   STANDARD DIN CONNECTOR
SDS-80J CUI-SDS-80J Datasheet
421Kb / 6P
   STANDARD DIN CONNECTOR
logo
CUI Devices
SDS-80J CUID-SDS-80J Datasheet
522Kb / 6P
   STANDARD DIN CONNECTOR
08/05/2022
logo
CUI INC
SDS-80J-SMT CUI-SDS-80J-SMT Datasheet
291Kb / 1P
   CIRCULAR DIN RECEPTACLE, SMT, 8 PIN
More results

Similar Description - SDS-8-014

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDS-2-023 ETC2-SDS-2-023 Datasheet
93Kb / 1P
   SpectraDIL - 023 style SDS, SDC, SDD ranges
SDS023 ETC2-SDS023 Datasheet
93Kb / 1P
   SpectraDIL - 023 style SDS, SDC, SDD ranges
logo
XP Power Limited
SDS60 XPPOWER-SDS60 Datasheet
152Kb / 2P
   60 Watts SDS Series
logo
Apacer Technology Inc.
SDC-SL APACER-SDC-SL Datasheet
942Kb / 4P
   Apacer Micro SDC (Micro SATA Disk Chip, 關SDC)
logo
Innovative Power Produc...
IPP-8013 IPP-IPP-8013 Datasheet
104Kb / 1P
   OUTLINE, SMD COUPLER SDC
logo
NXP Semiconductors
TDA8043 PHILIPS-TDA8043 Datasheet
95Kb / 16P
   Satellite Demodulator and Decoder SDD
1998 Feb 13
logo
Innovative Power Produc...
IPP-8015 IPP-IPP-8015 Datasheet
102Kb / 1P
   OUTLINE, SMD COUPLER SDC
IPP-3008 IPP-IPP-3008 Datasheet
75Kb / 1P
   OUTLINE SDC,700-4200 MHz, 20dB
logo
Apacer Technology Inc.
SDC-PLUS-M APACER-SDC-PLUS-M Datasheet
969Kb / 4P
   Apacer ultra-small 16x20mm SSD-關SDC
logo
Ohmite Mfg. Co.
RES-POWERMOX OHMITE-RES-POWERMOX Datasheet
301Kb / 2P
   Wide resistance ranges
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com