Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM3110 Datasheet(PDF) 1 Page - Visual Communications Company

Part # CM3110
Description  Wedge Base
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

CM3110 Datasheet(HTML) 1 Page - Visual Communications Company

  CM3110 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
T-1 1/2 Wedge Base
T-1 3/4 Wire Terminal
C -2R
C -2R
C -2R
C -2R
C -2R
C -2R
1,000
2,000
30,000
30,000
25,000
5,000
.450
.018
.600
.600
.050
.150
.190
.017
.220
.220
.060
.060
5.00
5.00
5.00
5.00
5.00
5.00
C M8784
C M3950
C M3628
C M3627
C M3626
C M3151
C M2129
C M2156
C M2158
C M8847
C M2171
C M2200
C M2203
5.00
5.00
4.50
3.00
3.00
3.00
3.00
.115
.060
.120
.350
.015
.030
.300
.150
.050
.040
.300
.004
.020
.340
40,000
25,000
25,000
10,000
10,000
1,800
1,500
C -2R
C -2R
C -2F
C -2R
C -6
C -6
C -2R
C -2V
C -2R
10,000
60,000
.030
.030
.040
.060
6.00
5.00
C M1730
C M8805
B ead S eal
B utt S eal
C -2R
1,000
.600
.200
6.00
C M1784
C -2F
C -2V
50,000
40,000
.100
.010
.200
.036
6.00
6.00
C M8664
C M2191
MIN.
1.00
MAX.
.520
MAX.
.230
S -2
C -6
C -2R
C -2R
C -2R
C -2R
C -2R
30
500
5,000
500
10,000
5,000
6,000
.020
.010
.001
.220
.200
.280
.040
.050
.060
.060
.200
.350
.400
.060
1.30
1.35
2.00
2.50
2.50
2.50
2.70
C M1738
C M2264
C M2169
C M1783
C M2119
C M1728
C M2184
T ype
F ilament
Hours
L ife
MS C P
A mps
V oltage
Des ign
Number
P art
NOM.
.760
MAX.
.520
MAX.
.230
C -2F
C -2F
C -2V
C -2R
C -2V
C -2V
5,000
5,000
200
5,000
1,000
1,000
.100
.240
.570
..240
.080
.040
.030
.040
.090
.080
.030
.035
24.0
24.0
13.5
12.0
12.0
7.0
C M3110
C M1111
C M286
C M1108
C M1107
C M6515
Number
P art
V oltage
Des ign
A mps
MS C P
Hours
L ife
T ype
F ilament
C M6502
C M1103
C M1104
C M3105
C M6516
C M6521
C M6522
6.0
6.0
6.0
6.0
6.0
6.0
4.0
.030
.167
.178
.167
.080
.030
.250
.040
.480
.720
.300
.070
.024
.200
1,000
1,000
1,000
5,000
5,000
1,000
1,000
C -2V
C -2R
C -2R
C -2R
C -2V
C -2R
C -2V
MAX.
.197
MAX.
.571
.217 MAX.
MAX.
.181


Similar Part No. - CM3110

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM3110 CML-CM3110 Datasheet
222Kb / 1P
   T-1 1/2 Wedge Base
More results

Similar Description - CM3110

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CM559 VCC-CM559 Datasheet
32Kb / 1P
   Wedge Base
CM11 VCC-CM11 Datasheet
28Kb / 1P
   Wedge,Midget Screw Base
CM914 VCC-CM914 Datasheet
28Kb / 1P
   Wedge Base Lens End
logo
Chicago Miniature Lamp,...
CM914 CML-CM914 Datasheet
223Kb / 1P
   T-5 Wedge Base
logo
LUMEX INC.
SSP-01TWB3SWB12 LUMEX-SSP-01TWB3SWB12 Datasheet
45Kb / 1P
   LED MINATURE WEDGE BASE LAMP
logo
Chicago Miniature Lamp,...
CM11 CML-CM11 Datasheet
223Kb / 1P
   T-1 3/4 Wedge Base
CM6502 CML-CM6502 Datasheet
222Kb / 1P
   T-1 1/2 Wedge Base
1260XLF CML-1260XLF Datasheet
70Kb / 1P
   T-31/4(10mm) Wedge base lamp
logo
LUMEX INC.
SSP-01TWB7UW12 LUMEX-SSP-01TWB7UW12 Datasheet
160Kb / 1P
   LED MINIATURE WEDGE BASE, BLUE, MILKY WHITE DIFFUSED
SSP-01TWB6UW12 LUMEX-SSP-01TWB6UW12 Datasheet
45Kb / 1P
   LED MINIATURE WEDGE BASE, RED, MILKY WHITE DIFFUSED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com