Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1962DX Datasheet(PDF) 1 Page - Visual Communications Company

Part # CM1962DX
Description  Special Service Halogen Lamp
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

CM1962DX Datasheet(HTML) 1 Page - Visual Communications Company

  CM1962DX Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
T-3 Special Service Halogen Lamp
Configuration
Description:
These industry standard Halogen Lamps are used in a variety of applications from Aircraft Navigation lights to Medical
work lights. The unique compact design, rugged construction and exceptionally high light output make these lamps the
ideal light source for many applications.
Materials:
Globe:
Quartz Glass
Base:
Brass Special Bayonet
Lead Connections: Brazed
Lead Wires:
18 AWG Bare or Teflon Insulated
Atmosphere:
Gas
Caution:
These halogen cycle lamps may shatter if scratched or damaged. Use these lamps in fixtures designed for their high
operating temperature. Always turn power off when changing these lamps. For satisfactory performance limit the seal and
wire lead temperature to 350°C to avoid deterioration. Maintain a minimum lamp wall temperature of 250°C to assure the
halogen cycle occurs. Remove all grease and fingerprints from these lamps before operation. Never exceed the design
voltage of these lamps.
All dimensions in inches.
A
B
LC L
..2 85
.901
.2 47
.497
LC L
.285
S E C T I ON
S E E COMME NTS
.2 50
MAX.
.500
.497
MAX.
.836
MAX.
.500
SE C T I ON
SE E COMME NTS
Part No.
Design
Volts
Design
Watts
Filament
Shape
Nominal MSCP Laboratory
Life Hours
CM1974
6.0
20
C-6
10
10000
CM1974D
6.0
20
C-6
10
10000
CM1962
8.5
62
C-6
110
50
CM1962B
8.5
62
C-6
110
50
Configuration
B
A
B
B
Comments
3" Bare Leads
3" Bare Leads
3" Bare Leads
9" Teflon Insulated
CM1962DZ
8.5
62
C-6
80
150
CM1962DX
8.5
62
C-6
80
150
CM1962TY
8.5
62
C-6
110
50
A
A
B
12" Teflon Insulated
4" Bare Leads
4" Teflon Insulated


Similar Part No. - CM1962DX

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM1962DX CML-CM1962DX Datasheet
228Kb / 1P
   T-3 Special Service Halogen Lamp
More results

Similar Description - CM1962DX

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM1974 CML-CM1974 Datasheet
228Kb / 1P
   T-3 Special Service Halogen Lamp
CM449X12V CML-CM449X12V Datasheet
221Kb / 1P
   Marine Halogen Lamp
CM1964 CML-CM1964 Datasheet
234Kb / 1P
   Axial Filament Halogen Lamp
logo
Visual Communications C...
CM1964 VCC-CM1964 Datasheet
87Kb / 1P
   Axial Filament Halogen Lamp
logo
Molex Electronics Ltd.
1301910055 MOLEX11-1301910055 Datasheet
27Kb / 1P
   Lamp 300 Watt Halogen
130191-0055 MOLEX11-130191-0055 Datasheet
35Kb / 1P
   Lamp 300 Watt Halogen
logo
HB Electronic Component...
E12PW3C-O HB-E12PW3C-O Datasheet
55Kb / 2P
   Special LED to street lamp
E12PW6C-O HB-E12PW6C-O Datasheet
54Kb / 2P
   Special LED to street lamp
logo
LSI Computer Systems
LS7631 LSI-LS7631_05 Datasheet
69Kb / 4P
   TOUCH CONTROL HALOGEN LAMP DIMMER
LS7634 LSI-LS7634 Datasheet
66Kb / 4P
   TOUCH CONTROL HALOGEN LAMP DIMMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com