Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM12A Datasheet(PDF) 1 Page - Visual Communications Company

Part # CM12A
Description  Telephone Slide Base
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

CM12A Datasheet(HTML) 1 Page - Visual Communications Company

  CM12A Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
C -2F
C -2F
C -2V
C -6
C -2F
C -6
5,000
1,000
5,000
2,000
8,000
10,000
720
720
1,500
650
1,200
100
.100
.100
.170
.035
.100
.035
16.0
15.0
12.0
12.0
12.0
10.0
C M16A
C M15A
C M12C
C M12B
C M12A
C M10E X
Number
P art
V oltage
Des ign
A mps
MS C P
Hours
L ife
T ype
F ilament
C M4A
C M6A
C M6B
C M6C
C M8A
C M10A
C M10B
10.0
10.0
8.0
6.0
6.0
6.0
4.0
.250
.110
.090
.040
.290
.140
.190
900
600
600
180
270
510
450
5,000
5,000
1,000
4,000
15,000
15,000
5,000
C -2F
C -2V
C -2
C -2
C -2F
C -2V
C -2
C -2F
C -2F
10,000
1,000
600
800
.100
.040
18.0
18.0
C M18B
C M18A
C -2F
C -2F
C -2F
1,000
4,000
6,000
600
1,000
1,400
.030
.040
.072
24.0
24.0
24.0
C M24C
C M24B
C M24A
MAX.
1.688
MAX.
.270
MAX.
.275
T-2 Telephone Slide Base - Type 5 (short)
T-2 Telephone Slide Base - Type 5 (standard)
T-2 Telephone Slide Base - Type 3
Number
P art
V oltage
Des ign
A mps
MS C P
Hours
L ife
T ype
F ilament
C M18E S B
C M24C S B
C M24E S B
C M28E S B
C M48E S B
48.0
28.0
24.0
24.0
18.0
.040
.040
.040
.017
.040
3,000
1,500
850
100
850
5,000
6,000
8,000
15,000
5,000
CC -2F
C -2F
C -2F
C -2F
C -2F
MAX.
.275
MAX.
.280
MAX.
.915
C -2V
C -2F
C -2F
C -2F
C -7A
C -7A
CC -7A
20,000
12,000
10,000
5,000
10,000
7,500
5,000
550
2,000
3,000
1,600
1,800
2,200
1,200
.140
.170
.073
.040
.053
.050
.025
6.0
12.0
24.0
28.0
48.0
60.0
120.0
C M120P S B
C M60P S B
C M48P S B
C M28P S B
C M24P S B
C M12P S B
C M6P S B
T ype
F ilament
Hours
L ife
MS C P
A mps
V oltage
Des ign
Number
P art
MAX.
.275
MAX.
.280
MAX.
1.115


Similar Part No. - CM12A

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM12A CML-CM12A Datasheet
222Kb / 1P
   T-2 Telephone Slide Base - Type 5 (short)
More results

Similar Description - CM12A

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CM24D VCC-CM24D Datasheet
27Kb / 1P
   Telephone Slide,Miniature Bayonet Base
logo
Chicago Miniature Lamp,...
CM24D CML-CM24D Datasheet
220Kb / 1P
   T-2 Telephone Slide Base - Type 3
CM18ESB CML-CM18ESB Datasheet
222Kb / 1P
   T-2 Telephone Slide Base - Type 5 (short)
1508625UR3 CML-1508625UR3 Datasheet
48Kb / 1P
   T2 Telephone Slide Based LED (Standard)
1508725UR3 CML-1508725UR3 Datasheet
48Kb / 1P
   T2 Telephone Slide Based LED (Short)
logo
LEDTRONICS, INC
2SB200 LEDTRONICS-2SB200 Datasheet
358Kb / 1P
   T2 ANSI #2 & #3 Telephone Slide Based LEDs
Rev 09-2000
logo
List of Unclassifed Man...
2SBF200 ETC1-2SBF200 Datasheet
178Kb / 1P
   T2 ANSI #2 AND #3 TELEPHONE SLIDE BASED LEDS
logo
Marl International Limi...
238 MARL-238 Datasheet
206Kb / 4P
   Direct replacement for T6.8 Slide Base
238-501-98_1309 MARL-238-501-98_1309 Datasheet
206Kb / 4P
   Direct replacement for T6.8 Slide Base
209 MARL-209 Datasheet
271Kb / 5P
   Direct replacement for T5.5 Slide Base
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com