Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S9B-ZR-3.4 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # S9B-ZR-3.4
Description  1.5mm pitch/Disconnectable Crimp style connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

S9B-ZR-3.4 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  S9B-ZR-3.4 Datasheet HTML 1Page - List of Unclassifed Manufacturers S9B-ZR-3.4 Datasheet HTML 2Page - List of Unclassifed Manufacturers S9B-ZR-3.4 Datasheet HTML 3Page - List of Unclassifed Manufacturers S9B-ZR-3.4 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ZH CONNECTOR
1.5
1.5
A
B
φ1.0
0.9
5.0
1.5
1.0
Circuits
Material and Finish
2
3
4
5
6
7
8
9
10
11
12
13
1.5
3.0
4.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
16.5
18.0
4.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
16.5
18.0
19.5
21.0
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
Model No.
Dimensions (mm)
Side entry type
S2B-ZR-SM2-TF
S3B-ZR-SM2-TF
S4B-ZR-SM2-TF
S5B-ZR-SM2-TF
S6B-ZR-SM2-TF
S7B-ZR-SM2-TF
S8B-ZR-SM2-TF
S9B-ZR-SM2-TF
S10B-ZR-SM2-TF
S11B-ZR-SM2-TF
S12B-ZR-SM2-TF
S13B-ZR-SM2-TF
AB
Q'ty /
reel
Pin: Brass, copper-undercoated, tin-plated (reflow treatment)
Wafer: Glass-filled PA 46, UL94V-0, natural (ivory)
SM2 type
Side entry type
Circuits
Material and Finish
Pin: Brass, copper-undercoated, tin-plated (reflow treatment)
Wafer: PA 6T, UL94V-0, natural (ivory)
Solder tab: Brass, copper-undercoated, tin-plated (reflow treatment)
2
3
4
5
6
7
8
9
10
11
12
13
1.5
3.0
4.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
16.5
18.0
6.0
7.5
9.0
10.5
12.0
13.5
15.0
16.5
18.0
19.5
21.0
22.5
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
Model No.
Top entry type
Side entry type
S2B-ZR-SM4A-TF
S3B-ZR-SM4A-TF
S4B-ZR-SM4A-TF
S5B-ZR-SM4A-TF
S6B-ZR-SM4A-TF
S7B-ZR-SM4A-TF
S8B-ZR-SM4A-TF
S9B-ZR-SM4A-TF
S10B-ZR-SM4A-TF
S11B-ZR-SM4A-TF
S12B-ZR-SM4A-TF
S13B-ZR-SM4A-TF
B2B-ZR-SM4-TF
B3B-ZR-SM4-TF
B4B-ZR-SM4-TF
B5B-ZR-SM4-TF
B6B-ZR-SM4-TF
B7B-ZR-SM4-TF
B8B-ZR-SM4-TF
B9B-ZR-SM4-TF
B10B-ZR-SM4-TF
B11B-ZR-SM4-TF
B12B-ZR-SM4-TF
B13B-ZR-SM4-TF
Dimensions (mm)
AB
Q'ty / reel
Top entry
type
Side entry
type
A
B
2.25
1.5
5.0
1.5
5.0
1.0
1.5
A
B
2.25
Side entry type
SM4 type (with solder tabs)
Top entry type
SMT type shrouded header
RoHS compliance This product displays (LF)(SN) on a label.
Note: 1. The products listed above are supplied on embossed-tape.
2. Contact JST for the top entry type headers with suction cap.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
S2B-ZR-SM4A-oo-TF-
(blank)…natural (ivory)
K…black R…red E…blue M…green
RoHS compliance This product displays (LF)(SN) on a label.
SM2 type
SM4 type
18


Similar Part No. - S9B-ZR-3.4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9B-ZR-3.4 ETC2-S9B-ZR-3.4 Datasheet
163Kb / 4P
   1.5mm pitch/Disconnectable Crimp style connectors
More results

Similar Description - S9B-ZR-3.4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B2B-ZRLFSN ETC2-B2B-ZRLFSN Datasheet
112Kb / 3P
   1.5mm pitch/Disconnectable Crimp style connectors
ZER-02V-S ETC1-ZER-02V-S Datasheet
130Kb / 4P
   1.5mm pitch/Disconnectable Crimp style connectors
ZHR-8 ETC2-ZHR-8 Datasheet
163Kb / 4P
   1.5mm pitch/Disconnectable Crimp style connectors
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com