Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8254ABDFT-TB Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-8254ABDFT-TB
Description  BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8254ABDFT-TB Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-8254ABDFT-TB Datasheet HTML 6Page - Seiko Instruments Inc S-8254ABDFT-TB Datasheet HTML 7Page - Seiko Instruments Inc S-8254ABDFT-TB Datasheet HTML 8Page - Seiko Instruments Inc S-8254ABDFT-TB Datasheet HTML 9Page - Seiko Instruments Inc S-8254ABDFT-TB Datasheet HTML 10Page - Seiko Instruments Inc S-8254ABDFT-TB Datasheet HTML 11Page - Seiko Instruments Inc S-8254ABDFT-TB Datasheet HTML 12Page - Seiko Instruments Inc S-8254ABDFT-TB Datasheet HTML 13Page - Seiko Instruments Inc S-8254ABDFT-TB Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
S-8254A Series
Rev.5.1_00
Seiko Instruments Inc.
10
2. 6 CTL Input Voltage “H” (VCTLH), CTL Input Voltage “L” (VCTLL)
The CTL input voltage “H” (VCTLH) is the voltage of CTL when the voltages at the COP and DOP pins
are “H” after the CTL voltage has been gradually increased starting at the initial status. The CTL input
voltage “L” (VCTLL) is the voltage of CTL when the voltages at the COP and DOP pins are “L” after the
CTL voltage has been gradually decreased.
2. 7 SEL Input Voltage “H” (VSELH), SEL Input Voltage “L” (VSELL)
Apply 0 V to V4 in the initial status and confirm that the DOP pin is “H”. The SEL input voltage “L”
(VSELL) is the voltage of the SEL pin when the voltage at the DOP pin is “L” after the SEL voltage has
been gradually decreased. The SEL input voltage “H” (VSELH) is the voltage of the SEL pin when the
voltage of the DOP pin is “H” after the SEL voltage has been gradually increased.
3. Overcharge Detection Delay Time, Overdischarge Detection Delay Time, Overcurrent Detection
Delay Time 1, Overcurrent Detection Delay Time 2, Overcurrent Detection Delay Time 3
(Test circuit 3)
Confirm that the COP pin and DOP pin are “L” when VVMP
= VDD, VINI = VSS, and V1 = V2 = V3 = V4 =
3.5 V (this status is referred to as the initial status).
3. 1 Overcharge Detection Delay Time (tCU)
The overcharge detection delay time (tCU) is the time it takes for the voltage of the COP pin to change
from “L” to “H” after the voltage of V1 is instantaneously changed to 4.5 V from the initial status.
3. 2 Overdischarge Detection Delay Time (tDL)
The overdischarge detection delay time (tDL) is the time it takes for the voltage of the DOP pin to
change from “L” to “H” after the voltage of V1 is instantaneously changed to 1.5 V from the initial
status
3. 3 Overcurrent Detection Delay Time 1 (tIOV1)
Overcurrent detection delay time 1 (tIOV1) is the time it takes for the voltage of the DOP pin to change
from “L” to “H” after the voltage of the VINI pin is instantaneously changed to 0.4 V from the initial
status.
3. 4 Overcurrent Detection Delay Time 2 (tIOV2)
Overcurrent detection delay time 2 (tIOV2) is the time it takes for the voltage of the DOP pin to change
from “L” to “H” after the voltage of the VINI pin is instantaneously changed to VIOV2 max.
+ 0.2 V from
the initial status.
3. 5 Overcurrent Detection Delay Time 3 (tIOV3)
Overcurrent detection delay time 3 (tIOV3) is the time it takes for the voltage of the DOP pin to change
from “L” to “H” after the voltage of the VMP pin is instantaneously changed to VIOV3 min.
− 0.2 V from
the initial status.


Similar Part No. - S-8254ABDFT-TB

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8254ABDFT-TB-Y ABLIC-S-8254ABDFT-TB-Y Datasheet
470Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
Rev.5.2_01
More results

Similar Description - S-8254ABDFT-TB

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8254A SII-S8254A Datasheet
359Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
S8243A SII-S8243A Datasheet
619Kb / 35P
   BATTERY PROTECTION IC FOR 3-SERIAL OR 4-SERIAL CELL PACK
logo
ABLIC Inc.
S-8254A ABLIC-S-8254A Datasheet
470Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
Rev.5.2_01
logo
Seiko Instruments Inc
S-8254AANFT-TB-G SII-S-8254AANFT-TB-G Datasheet
268Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
S-8253A SII-S-8253A Datasheet
596Kb / 32P
   BATTERY PROTECTION IC FOR 2-SERIAL OR 3-SERIAL-CELL PACK
logo
Unisonic Technologies
UB264B UTC-UB264B_17 Datasheet
199Kb / 11P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL OR 4-SERIAL-CELL PACK
logo
ABLIC Inc.
S-82B4A ABLIC-S-82B4A Datasheet
584Kb / 33P
   BATTERY PROTECTION IC FOR 4-SERIAL OR 5-SERIAL CELL PACK
Rev.1.0_00
logo
Unisonic Technologies
UB264A UTC-UB264A Datasheet
207Kb / 10P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
UB264B UTC-UB264B Datasheet
195Kb / 10P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
logo
Seiko Instruments Inc
S-8243A SII-S-8243A Datasheet
638Kb / 34P
   BATTRY PROTECTION IC FOR 3-SERIAL OR 4-SERIAL CELL PACK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com