Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8254AAWFT-TB Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-8254AAWFT-TB
Description  BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8254AAWFT-TB Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-8254AAWFT-TB Datasheet HTML 7Page - Seiko Instruments Inc S-8254AAWFT-TB Datasheet HTML 8Page - Seiko Instruments Inc S-8254AAWFT-TB Datasheet HTML 9Page - Seiko Instruments Inc S-8254AAWFT-TB Datasheet HTML 10Page - Seiko Instruments Inc S-8254AAWFT-TB Datasheet HTML 11Page - Seiko Instruments Inc S-8254AAWFT-TB Datasheet HTML 12Page - Seiko Instruments Inc S-8254AAWFT-TB Datasheet HTML 13Page - Seiko Instruments Inc S-8254AAWFT-TB Datasheet HTML 14Page - Seiko Instruments Inc S-8254AAWFT-TB Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
Rev.5.1_00
S-8254A Series
Seiko Instruments Inc.
11
4. 0 V Battery Charge Starting Charger Voltage (Product with 0 V Battery Charge Function), 0 V
Battery Charge Inhibition Battery Voltage (Product with 0 V Battery Charge Inhibition Function)
(Test circuit 4)
Either the 0 V battery charge starting charger voltage or the 0 V battery charge inhibition battery voltage
is applied to each product according to the 0 V battery charging function.
4. 1 0 V Battery Charge Starting Battery Charger Voltage (V0CHA) (Product with 0 V Battery Charge
Function)
The starting condition is V1
= V2 = V3 = V4 = 0 V for a product in which 0 V battery charging is
available. The COP pin voltage should be lower than V0CHA max.
− 1 V when the VMP pin voltage
VVMP
= V0CHA max.
4. 2 0 V Battery Charge Inhibition Battery Voltage (V0INH) (Product with 0 V Battery Charge
Inhibition Function)
The starting condition is V1
= V2 = V3 = V4 = V0INH for a product in which 0 V battery charging is
inhibited. The COP pin voltage should be higher than VVMP
− 1 V when the VMP pin voltage VVMP =
24 V.
5. Resistance between VMP and VDD, Resistance between VMP and VSS, VC1 Pin Current, VC2 Pin
Current, VC3 Pin Current, VC4 Pin Current, CTL pin Current “H”, CTL Pin Current “L”, SEL Pin
Current “H”, SEL Pin Current “L”, COP Pin Leakage Current, COP Pin Sink Current, DOP Pin
Source Current, DOP Pin Sink Current
(Test circuit 5)
VVMP
= VSEL = VDD, VINI = VCTL = VSS, V1 = V2 = V3 = V4 = 3.5 V, and other pins left “open” (this status is
referred to as the initial status).
5. 1 Resistance between VMP and VDD (RVMD)
The resistance between VMP and VDD (RVMD) is obtained from RVMD
= VDD / IVMD using the current
value of the VMP pin (IVMD) when VVMP is VSS after the initial status.
5. 2 Resistance between VMP and VSS (RVMS)
The resistance between VMP and VSS (RVMS) is obtained from RVMS
= VDD / IVMS using the current
value of the VMP pin (IVMS) when V1
= V2 = V3 = V4 = 1.8 V after the initial status.
5. 3 VC1 Pin Current (IVC1), VC2 Pin Current (IVC2), VC3 Pin Current (IVC3), VC4 Pin Current (IVC4)
At the initial status, the current that flows through the VC1 pin is the VC1 pin current (IVC1), the current
that flows through the VC2 pin is the VC2 pin current (IVC2), the current that flows through the VC3 pin
is the VC3 pin current (IVC3), and the current that flows through the VC4 pin is the VC4 pin current
(IVC4).
5. 4 CTL pin Current “H” (ICTLH), CTL Pin Current “L” (ICTLL)
In the initial status, the current that flows through the CTL pin is the CTL pin current “L” (ICTLL), after
that, when VCTL
= VDD, the current that flows through the CTL pin is the CTL pin current “H” (ICTLH).
5. 5 SEL Pin Current “H” (ISELH), SEL Pin Current “L” (ISELL)
In the initial status, the current that flows through the SEL pin is the SEL pin current “H” (ISELH), after
that, when VSEL
= VSS, the current that flows through the SEL pin is the SEL pin current “L” (ISELL).


Similar Part No. - S-8254AAWFT-TB

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8254AAWFT-TB-G SII-S-8254AAWFT-TB-G Datasheet
1Mb / 29P
   BATTERY PROTECTION IC
S-8254AAWFT-TB-U SII-S-8254AAWFT-TB-U Datasheet
1Mb / 29P
   BATTERY PROTECTION IC
logo
ABLIC Inc.
S-8254AAWFT-TB-X ABLIC-S-8254AAWFT-TB-X Datasheet
470Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
Rev.5.2_01
More results

Similar Description - S-8254AAWFT-TB

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8254A SII-S8254A Datasheet
359Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
S8243A SII-S8243A Datasheet
619Kb / 35P
   BATTERY PROTECTION IC FOR 3-SERIAL OR 4-SERIAL CELL PACK
logo
ABLIC Inc.
S-8254A ABLIC-S-8254A Datasheet
470Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
Rev.5.2_01
logo
Seiko Instruments Inc
S-8254AANFT-TB-G SII-S-8254AANFT-TB-G Datasheet
268Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
S-8253A SII-S-8253A Datasheet
596Kb / 32P
   BATTERY PROTECTION IC FOR 2-SERIAL OR 3-SERIAL-CELL PACK
logo
Unisonic Technologies
UB264B UTC-UB264B_17 Datasheet
199Kb / 11P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL OR 4-SERIAL-CELL PACK
logo
ABLIC Inc.
S-82B4A ABLIC-S-82B4A Datasheet
584Kb / 33P
   BATTERY PROTECTION IC FOR 4-SERIAL OR 5-SERIAL CELL PACK
Rev.1.0_00
logo
Unisonic Technologies
UB264A UTC-UB264A Datasheet
207Kb / 10P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
UB264B UTC-UB264B Datasheet
195Kb / 10P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
logo
Seiko Instruments Inc
S-8243A SII-S-8243A Datasheet
638Kb / 34P
   BATTRY PROTECTION IC FOR 3-SERIAL OR 4-SERIAL CELL PACK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com