Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PML-24V100W1AHA Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # PML-24V100W1AHA
Description  PMT Panel Mount Power Supply
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PML-24V100W1AHA Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button PML-24V100W1AHA Datasheet HTML 4Page - Delta Electronics, Inc. PML-24V100W1AHA Datasheet HTML 5Page - Delta Electronics, Inc. PML-24V100W1AHA Datasheet HTML 6Page - Delta Electronics, Inc. PML-24V100W1AHA Datasheet HTML 7Page - Delta Electronics, Inc. PML-24V100W1AHA Datasheet HTML 8Page - Delta Electronics, Inc. PML-24V100W1AHA Datasheet HTML 9Page - Delta Electronics, Inc. PML-24V100W1AHA Datasheet HTML 10Page - Delta Electronics, Inc. PML-24V100W1AHA Datasheet HTML 11Page - Delta Electronics, Inc. PML-24V100W1AHA Datasheet HTML 12Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TECHNICAL DATASHEET
PMT Panel Mount Power Supply
24V 100W 1 Phase / PMT-24V100W1A
□□
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (May 2013, Rev. 00)
8
Installation of Mounting Accessories
Fig. 3
Mounting Hole Locations
With reference to Fig. 3, the device should be mounted on a sturdy heat conducting surface with minimum of 4 mounting
holes using M3 screw through the base or side mounting holes.
Safety Instructions
To ensure sufficient convection cooling, always maintain a safety distance of
≥ 20mm from all ventilated surfaces while the device
is in operation.
The device is not recommended to be placed on low thermal conductive surfaces, for example, plastics.
Note that the enclosure of the device can become very hot depending on the ambient temperature and load of the power supply.
Do not touch the device while it is in operation or immediately after power is turned OFF. Risk of burning!
Do not touch the terminals while power is being supplied. Risk of electric shock.
Prevent any foreign metal, particles or conductors to enter the device through the openings during installation. It can cause: -
Electric shock; Safety Hazard; Fire; Product failure.
The power supply must be mounted by metal screws onto a grounded metal surface. It is also highly recommended that the Earth
terminal on the connector be connected to the grounded metal surface.
Warning (For Standard Terminal Block and Front Face Terminal Block products): When connecting the device, secure Earth
connection before connecting L and N. When disconnecting the device, remove L and N connections before removing the Earth
connection.
Only use M3 screw
≤ 2.5mm through the base and side mounting holes.
This is to keep a safe distance between the screw and internal components.
Recommended mounting tightening torque: 4~7Kgf.cm.
2.5mm max


Similar Part No. - PML-24V100W1AHA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PML-24V150W1AGA DELTA-PML-24V150W1AGA Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PML-24V150W1AHA DELTA-PML-24V150W1AHA Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
More results

Similar Description - PML-24V100W1AHA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMT-24V100W1AX DELTA-PMT-24V100W1AX Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PMT-24V200W1AX DELTA-PMT-24V200W1AX Datasheet
1Mb / 14P
   PMT Panel Mount Power Supply
PMT-48V350W1AX DELTA-PMT-48V350W1AX Datasheet
980Kb / 14P
   PMT Panel Mount Power Supply
PMT-12V50W1AA DELTA-PMT-12V50W1AA Datasheet
662Kb / 11P
   PMT Panel Mount Power Supply
PMT-12V100W1AAA DELTA-PMT-12V100W1AAA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PMT-5V350W1AMA DELTA-PMT-5V350W1AMA Datasheet
1Mb / 12P
   PMT Panel Mount Power Supply
PMT-5V35W1AX DELTA-PMT-5V35W1AX Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PMT-24V350W1AX DELTA-PMT-24V350W1AX Datasheet
976Kb / 14P
   PMT Panel Mount Power Supply
PMT-36V350W1AX DELTA-PMT-36V350W1AX Datasheet
999Kb / 14P
   PMT Panel Mount Power Supply
PMT-D2V100W1AX DELTA-PMT-D2V100W1AX Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PMT-4V350W1AX DELTA-PMT-4V350W1AX Datasheet
986Kb / 12P
   PMT Panel Mount Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com