Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S-80833CNMC Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part No. S-80833CNMC
Description  SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SII [Seiko Instruments Inc]
Homepage  http://www.sii.co.jp
Logo 

S-80833CNMC Datasheet(HTML) 1 Page - Seiko Instruments Inc

 
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
S-808xxC Series
www.sii-ic.com
SUPER-SMALL PACKAGE HIGH-PRECISION
VOLTAGE DETECTOR
© Seiko Instruments Inc., 2001-2011
Rev.6.1_00
Seiko Instruments Inc.
1
The S-808xxC series is a series of high-precision voltage detectors developed using CMOS process. The
detection voltage is fixed internally with an accuracy of
±2.0%. Two output forms, Nch open-drain and CMOS
output, are available. Super-low current consumption and miniature package lineup can meet demand from the
portable device applications.
Features
• Super-low current consumption 1.3 μA typ. (detection voltage≤1.4 V, at VDD = 1.5 V)
0.8
μA typ. (detection voltage≥1.5 V, at VDD = 3.5 V)
• High-precision detection voltage ±2.0%
• Operating voltage range
0.65 V to 5.0 V (detection voltage
≤1.4 V)
0.95 V to 10.0 V (detection voltage
≥1.5 V)
• Hysteresis characteristics
5% typ.
• Detection voltage
0.8 V to 6.0 V (0.1 V step)
• Output form
Nch open-drain output (Active Low)
CMOS output (Active Low)
• Lead-free, Sn 100%, halogen-free
*1
*1. Refer to “
Product Name Structure” for details.
Applications
• Battery checkers
• Power failure detectors
• Power monitor for portable equipments such as pagers, calculators, electronic notebooks and remote
controllers.
• Constant voltage power monitor for cameras, video equipments and communication devices.
• Power monitor for microcomputers and reset for CPUs.
Packages
• SC-82AB
• SOT-23-5
• SOT-89-3
• SNT-4A
• TO-92


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn