Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S-80833CNMC Datasheet(PDF) 33 Page - Seiko Instruments Inc

Part No. S-80833CNMC
Description  SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SII [Seiko Instruments Inc]
Homepage  http://www.sii.co.jp
Logo 

S-80833CNMC Datasheet(HTML) 33 Page - Seiko Instruments Inc

Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.6.1_00
S-808xxC Series
Seiko Instruments Inc.
33
9. Minimum Operating Voltage - Input Voltage (VDD)
0.0
0.3
0.6
0.9
1.2
0.0
0.2
0.4
0.6
1.0
VDD (V)
S-80808CN
Pull-up to VDD 100 k
Ω
Ta=-40°C
Ta=25°C
Ta=85°C
0.8
0.0
1.0
2.0
3.0
4.0
0.2
0.4
0.6
0.8
1.0
VDD (V)
S-80808CN
Pull-up to 3 V
Ta=-40°C
Ta=25°C
Ta=85°C
0.0
0.5
1.0
1.5
2.0
0
0.5
1.0
1.5
2.0
VDD (V)
S-80815CN
Pull-up to VDD 100 k
Ω
Ta=-40°C
Ta=25°C
Ta=85°C
0.0
1.0
2.0
3.0
4.0
0
0.5
1.0
1.5
2.0
VDD (V)
S-80815CN
Pull-up to 3 V
Ta=-40°C
Ta=25°C
Ta=85°C
VOUT(V)
PULL-UP
PULL-UP
×0.1
0
VDD(V)
VDDmin
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
PULL-UP (V)
S-80808CN
Pull-up to VDD:100 k
Ω
Ta=-40°C
Ta=25°C
Ta=85°C
Remark
VDDmin. is defined by the VDD voltage at
which
VOUT goes below 10
% of
PULL-UP
voltage
when
the
VDD
increase from 0 V.
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.75
3.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0 11.0 12.0
PULL-UP (V)
S-80815CN
Pull-up to VDD:100 k
Ω
Ta=-40°C
Ta=25°C
Ta=85°C
Figure 24


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn