Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S-80833CNMC Datasheet(PDF) 27 Page - Seiko Instruments Inc

Part No. S-80833CNMC
Description  SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SII [Seiko Instruments Inc]
Homepage  http://www.sii.co.jp
Logo 

S-80833CNMC Datasheet(HTML) 27 Page - Seiko Instruments Inc

Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.6.1_00
S-808xxC Series
Seiko Instruments Inc.
27
Electrical Characteristics for Customized Products
1. S-80824KNUA-D2BT2x, S-80824KNY-n2-U
Table 18
(Ta
= 25 °C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
circuit
Detection voltage
*1
−VDET
2.295
2.400
*2
2.505
V
1
Release voltage
+VDET
4.300
4.400
4.500
V
1
Current consumption
ISS
VDD
=6.0 V
0.8
2.4
μA
2
Operating voltage
VDD
0.95
10.0
V
1
Output current
IOUT
VDD
= 0.95 V 0.03
0.24
mA
3
Output transistor,
Nch, VDS
= 0.5 V V
DD
= 1.2 V
0.23
0.50
mA
3
Leakage current
ILEAK
Output transistor,
Nch, VDD
= 10.0 V, VDS = 10.0 V
0.1
μA
3
Response time
tPLH
60
μs
1
Detection voltage
temperature
coefficient
*3
DET
DET
V
Ta
V
Δ
Δ
Ta
= −40 to 85 °C
±100
±350 ppm/°C
1
*1.
−VDET: Actual detection voltage value
*2.
Specified detection voltage value (
−VDET(S))
*3. The temperature change of the detection voltage [mV/°C] is calculated by using the following equation.
[]
()
[]
[] 1000
C
ppm/
V
Ta
V
V
Typ.
V
C
mV/
Ta
V
DET
DET
DET(S)
DET
÷
°
Δ
Δ
×
=
°
Δ
Δ
3
*
2
*
*1
*1.
Temperature change of the detection voltage
*2.
Specified detection voltage
*3.
Detection voltage temperature coefficient


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn