Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-80833CNMC Datasheet(PDF) 20 Page - Seiko Instruments Inc

Part # S-80833CNMC
Description  SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-80833CNMC Datasheet(HTML) 20 Page - Seiko Instruments Inc

Back Button S-80833CNMC Datasheet HTML 16Page - Seiko Instruments Inc S-80833CNMC Datasheet HTML 17Page - Seiko Instruments Inc S-80833CNMC Datasheet HTML 18Page - Seiko Instruments Inc S-80833CNMC Datasheet HTML 19Page - Seiko Instruments Inc S-80833CNMC Datasheet HTML 20Page - Seiko Instruments Inc S-80833CNMC Datasheet HTML 21Page - Seiko Instruments Inc S-80833CNMC Datasheet HTML 22Page - Seiko Instruments Inc S-80833CNMC Datasheet HTML 23Page - Seiko Instruments Inc S-80833CNMC Datasheet HTML 24Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-808xxC Series
Rev.6.1_00
20
Seiko Instruments Inc.
2-2. Detection Voltage Typ.1.5 V or More Products
Table 17
(Ta
= 25 °C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
circuit
Detection voltage
*1
−VDET
−VDET(S)
×0.98
−VDET(S) −VDET(S)
×1.02
V
1
Hysteresis width
VHYS
−VDET
×0.03
−VDET
×0.05
−VDET
×0.08
V
1
Current consumption
ISS
VDD
= 3.5 V
S-80815 to 26
0.8
2.4
μA
2
VDD
= 4.5 V
S-80827 to 39
0.8
2.4
μA
2
VDD
= 6.0 V
S-80840 to 56
0.9
2.7
μA
2
VDD
= 7.5 V
S-80857 to 60
0.9
2.7
μA
2
Operating voltage
VDD
0.95
10.0
V
1
Output current
IOUT
Output transistor,
Nch, VDS
= 0.5 V
VDD
= 1.2 V
S-80815 to 60
0.59
1.36
mA
3
VDD
= 2.4 V
S-80827 to 60
2.88
4.98
mA
3
Output transistor,
Pch, VDS
= 0.5 V
VDD
= 4.8 V
S-80815 to 39
1.43
2.39
mA
4
VDD
= 6.0 V
S-80840 to 56
1.68
2.78
mA
4
VDD
= 8.4 V
S-80857 to 60
2.08
3.42
mA
4
Response time
tPLH
60
μs
1
Detection voltage
temperature
coefficient
*2
DET
DET
V
Ta
V
Δ
Δ
Ta
= −40 to +85 °C
±100
±350
ppm/
°C
1
*1.
−VDET: Actual detection voltage value, −VDET(S): Specified detection voltage value (The center value of the
detection voltage range in Table 3 to 4.)
*2. The temperature change of the detection voltage [mV/°C] is calculated by using the following equation.
[]
()
[]
[] 1000
C
ppm/
V
Ta
V
V
Typ.
V
C
mV/
Ta
V
DET
DET
DET(S)
DET
÷
°
Δ
Δ
×
=
°
Δ
Δ
3
*
2
*
*1
*1.
Temperature change of the detection voltage
*2.
Specified detection voltage
*3.
Detection voltage temperature coefficient


Similar Part No. - S-80833CNMC

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-80833CNMC-B8S-T2 SII-S-80833CNMC-B8S-T2 Datasheet
672Kb / 54P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ABLIC Inc.
S-80833CNMC-B8ST2X ABLIC-S-80833CNMC-B8ST2X Datasheet
676Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.6.2_02
More results

Similar Description - S-80833CNMC

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-808XXC SII-S-808XXC Datasheet
702Kb / 58P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-80819CNMC-B8ET2G SII-S-80819CNMC-B8ET2G Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ABLIC Inc.
S-808XXC ABLIC-S-808XXC Datasheet
676Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.6.2_02
logo
Seiko Instruments Inc
S-1000 SII-S-1000 Datasheet
494Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1000 ABLIC-S-1000 Datasheet
580Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-80830C SII-S-80830C Datasheet
672Kb / 54P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S801 SII-S801 Datasheet
457Kb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
   Ultra-small package High-precision Voltage Detector with delay
logo
AiT Semiconductor Inc.
A4806 AITSEMI-A4806 Datasheet
488Kb / 11P
   SUPERVISOR (RESET IC) ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
REV2.0
logo
Leshan Radio Company
LR8803 LRC-LR8803 Datasheet
453Kb / 10P
   Ultra-Small High-Precision Low Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com