Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PML-12V50W1AH Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # PML-12V50W1AH
Description  PMT Panel Mount Power Supply
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PML-12V50W1AH Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  PML-12V50W1AH Datasheet HTML 1Page - Delta Electronics, Inc. PML-12V50W1AH Datasheet HTML 2Page - Delta Electronics, Inc. PML-12V50W1AH Datasheet HTML 3Page - Delta Electronics, Inc. PML-12V50W1AH Datasheet HTML 4Page - Delta Electronics, Inc. PML-12V50W1AH Datasheet HTML 5Page - Delta Electronics, Inc. PML-12V50W1AH Datasheet HTML 6Page - Delta Electronics, Inc. PML-12V50W1AH Datasheet HTML 7Page - Delta Electronics, Inc. PML-12V50W1AH Datasheet HTML 8Page - Delta Electronics, Inc. PML-12V50W1AH Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TECHNICAL DATASHEET
PMT Panel Mount Power Supply
12V 50W 1 Phase / PMT-12V50W1AA
2
|
www.DeltaPSU.com (August 2012, Rev. 00)
Specifications
Input Ratings / Characteristics
Nominal Input Voltage
100-240Vac
Input Voltage Range
90-264Vac
Nominal Input Frequency
50-60Hz
Input Frequency Range
47-63Hz
Input Current
< 1.10A @ 115Vac, < 0.70A @ 230Vac
Efficiency
> 83.0% @ 115Vac & 230Vac
Max Inrush Current
< 30A @ 115Vac, < 65A @ 230Vac
Power Factor
> 0.5 @ 100Vac
Leakage Current
< 1mA @ 240Vac
Output Ratings / Characteristics
Nominal Output Voltage
12Vdc
Output Voltage Tolerance
± 2% (initial set point tolerance)
Output Voltage Adjustment Range
11-14Vdc
Output Current
4.17A
Output Power
50W
Line Regulation
< 0.5% typ. (@ 85-264Vac input, 100% load)
Load Regulation
< 1% typ. (@ 85-264Vac input, 0-100% load)
Residual Ripple / PARD (20MHz)
< 150mVpp @ 25°C
Rise Time
< 30ms @ nominal input (100% load, 25°C)
Start-up Time
< 2500ms @ nominal input (100% load, 25°C)
Hold-up Time
> 16.7ms @ 115Vac
Dynamic Response (Overshoot & Undershoot O/P Voltage)
± 5% @ 0-100% load
Start-up with Capacitive Loads
8,000µF Max
Mechanical
Case Chassis
Aluminium
Case Cover
SGCC
Dimensions (L x W x D)
98 x 97 x 38 mm
Unit Weight
0.23 kg
Indicator
Green LED (DC OK)
Cooling System
Convection
Terminal
Refer to the Table on Page 7
Wire
Refer to the Table on Page 7


Similar Part No. - PML-12V50W1AH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PML-12V100W1AAA DELTA-PML-12V100W1AAA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PML-12V100W1AHA DELTA-PML-12V100W1AHA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PML-12V150W1AAA DELTA-PML-12V150W1AAA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PML-12V150W1AGA DELTA-PML-12V150W1AGA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PML-12V150W1AHA DELTA-PML-12V150W1AHA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
More results

Similar Description - PML-12V50W1AH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMT-24V100W1AX DELTA-PMT-24V100W1AX Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PMT-24V200W1AX DELTA-PMT-24V200W1AX Datasheet
1Mb / 14P
   PMT Panel Mount Power Supply
PMT-48V350W1AX DELTA-PMT-48V350W1AX Datasheet
980Kb / 14P
   PMT Panel Mount Power Supply
PMT-12V100W1AAA DELTA-PMT-12V100W1AAA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PMT-5V350W1AMA DELTA-PMT-5V350W1AMA Datasheet
1Mb / 12P
   PMT Panel Mount Power Supply
PMT-5V35W1AX DELTA-PMT-5V35W1AX Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PMT-24V350W1AX DELTA-PMT-24V350W1AX Datasheet
976Kb / 14P
   PMT Panel Mount Power Supply
PMT-36V350W1AX DELTA-PMT-36V350W1AX Datasheet
999Kb / 14P
   PMT Panel Mount Power Supply
PMT-D2V100W1AX DELTA-PMT-D2V100W1AX Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PMT-4V350W1AX DELTA-PMT-4V350W1AX Datasheet
986Kb / 12P
   PMT Panel Mount Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com