Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMC-48V150W1BA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # PMC-48V150W1BA
Description  PMC Panel Mount Power Supply
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMC-48V150W1BA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  PMC-48V150W1BA Datasheet HTML 1Page - Delta Electronics, Inc. PMC-48V150W1BA Datasheet HTML 2Page - Delta Electronics, Inc. PMC-48V150W1BA Datasheet HTML 3Page - Delta Electronics, Inc. PMC-48V150W1BA Datasheet HTML 4Page - Delta Electronics, Inc. PMC-48V150W1BA Datasheet HTML 5Page - Delta Electronics, Inc. PMC-48V150W1BA Datasheet HTML 6Page - Delta Electronics, Inc. PMC-48V150W1BA Datasheet HTML 7Page - Delta Electronics, Inc. PMC-48V150W1BA Datasheet HTML 8Page - Delta Electronics, Inc. PMC-48V150W1BA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TECHNICAL DATASHEET
PMC Panel Mount Power Supply
48V 150W 1 Phase / PMC-48V150W1B
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (July 2013, Rev. 00)
1
PMC
Highlights & Features
Universal AC input voltage range
Full Aluminium casing for lightweight and corrosion resistant
handling
High PF > 0.99 @ 115Vac
Conform to harmonic current IEC/EN 61000-3-2, Class A
High MTBF > 700,000 hrs. as per Telcordia SR-332
Overvoltage / Overcurrent / Over Temperature / Short Circuit
Protections
Versatile connector options:
o
Terminal Block Connector
o
IP20 Terminal Block Connector
o
Front Face Connector
o
Harness Connector
Safety Standards
CB Certified for worldwide use
Model Number:
PMC-48V150W1B☐
Unit Weight:
0.53 kg
Dimensions (L x W x D): 178 x 97 x 38 mm
General Description
The new PMC-48V150W1B☐ is the latest offering from one of the world’s largest power supply manufacturers and solution providers -
Delta. The product range offers a nominal output voltage of 48V, a wide temperature range from -10°C to +70°C and a highly
dependable minimum holdup time. The state-of-the-art design is made to withstand harsh industrial environments. What makes the
product stands out from the crowd is its lightweight full aluminum body design which can withstand shock and vibration according to
IEC 60068-2. Delta’s Panel Mount Power Supply also offers overvoltage and overload protection. Using a wide input voltage range
design, it is compatible worldwide. The input also includes DC operating voltage from 125-375Vdc. Best of all, this excellent design and
quality does not come with a big price tag.
Model Information
PMC Panel Mount Power Supply
Model Number
Input Voltage Range
Output Voltage
Output Current
PMC-48V150W1B☐
85-264Vac (125-375Vdc)
48Vdc
3.125A
Model Numbering
PM
C –
48V
150W
1
B
Panel Mount
Product Type
C – Enclosed
Output Voltage
Output Power
Single Phase
With PFC
Connector Type
A – Terminal Block
J – IP20 Terminal Block*
L – Front Face*
H – Harness*
*Options


Similar Part No. - PMC-48V150W1BA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC-48V150W1BX DELTA-PMC-48V150W1BX Datasheet
1Mb / 11P
   PMC Panel Mount Power Supply
More results

Similar Description - PMC-48V150W1BA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC-05V035W1AA DELTA-PMC-05V035W1AA Datasheet
764Kb / 11P
   PMC Panel Mount Power Supply
PMC-12V060W1NA DELTA-PMC-12V060W1NA Datasheet
1Mb / 11P
   PMC Panel Mount Power Supply
PMC-24V035W1AJ DELTA-PMC-24V035W1AJ Datasheet
1Mb / 13P
   PMC Panel Mount Power Supply
PMC-24V100W1AX DELTA-PMC-24V100W1AX Datasheet
912Kb / 12P
   PMC Panel Mount Power Supply
PMC-24V035W1AX DELTA-PMC-24V035W1AX Datasheet
1Mb / 13P
   PMC Panel Mount Power Supply
PMC-24V050W1AX DELTA-PMC-24V050W1AX Datasheet
1Mb / 12P
   PMC Panel Mount Power Supply
PMC-24V075W1AX DELTA-PMC-24V075W1AX Datasheet
1Mb / 12P
   PMC Panel Mount Power Supply
PMC-24V150W1BX DELTA-PMC-24V150W1BX Datasheet
1,021Kb / 13P
   PMC Panel Mount Power Supply
PMC-12V035W1AA DELTA-PMC-12V035W1AA_13 Datasheet
965Kb / 12P
   PMC Panel Mount Power Supply
PMC-12V050W1AA DELTA-PMC-12V050W1AA_13 Datasheet
944Kb / 11P
   PMC Panel Mount Power Supply
PMC-24V150W1AX DELTA-PMC-24V150W1AX Datasheet
646Kb / 12P
   PMC Panel Mount Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com