Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMC-24V035W1AA Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # PMC-24V035W1AA
Description  PMC Panel Mount Power Supply
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMC-24V035W1AA Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button PMC-24V035W1AA Datasheet HTML 5Page - Delta Electronics, Inc. PMC-24V035W1AA Datasheet HTML 6Page - Delta Electronics, Inc. PMC-24V035W1AA Datasheet HTML 7Page - Delta Electronics, Inc. PMC-24V035W1AA Datasheet HTML 8Page - Delta Electronics, Inc. PMC-24V035W1AA Datasheet HTML 9Page - Delta Electronics, Inc. PMC-24V035W1AA Datasheet HTML 10Page - Delta Electronics, Inc. PMC-24V035W1AA Datasheet HTML 11Page - Delta Electronics, Inc. PMC-24V035W1AA Datasheet HTML 12Page - Delta Electronics, Inc. PMC-24V035W1AA Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TECHNICAL DATASHEET
PMC Panel Mount Power Supply
24V 35W 1 Phase / PMC-24V035W1A
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (September 2013, Rev. 01)
9
Functions
Start-up Time
The time required for the output voltage to reach 90% of its set value, after the input voltage is applied.
Rise Time
The time required for the output voltage to change from 10% to 90% of its set value.
Hold-up Time
Hold up time is the time when the AC input collapses and output voltage retains regulation for a certain period of time. The time
required for the output to reach 95% of its set value, after the input voltage is removed.
Graph illustrating the Start-up Time, Rise Time, and Hold-up Time
Inrush Current
Inrush current is the peak, instantaneous, input current
measured and, occurs when the input voltage is first applied.
For AC input voltages, the maximum peak value of inrush
current will occur during the first half cycle of the applied AC
voltage. This peak value decreases exponentially during
subsequent cycles of AC voltage.
Dynamic Response
The power supply output voltage will remains within ±5% of its
steady state value, when subjected to a dynamic load from 0%
to 100% of its rated current.


Similar Part No. - PMC-24V035W1AA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC-24V035W1AA DELTA-PMC-24V035W1AA Datasheet
878Kb / 2P
   Panel Mount Power Supply 24V 35W 1 Phase
PMC-24V035W1AA DELTA-PMC-24V035W1AA Datasheet
994Kb / 13P
   24V 35W 1 Phase
PMC-24V035W1AA DELTA-PMC-24V035W1AA_11 Datasheet
994Kb / 13P
   24V 35W 1 Phase
More results

Similar Description - PMC-24V035W1AA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC-05V035W1AA DELTA-PMC-05V035W1AA Datasheet
764Kb / 11P
   PMC Panel Mount Power Supply
PMC-12V060W1NA DELTA-PMC-12V060W1NA Datasheet
1Mb / 11P
   PMC Panel Mount Power Supply
PMC-24V100W1AX DELTA-PMC-24V100W1AX Datasheet
912Kb / 12P
   PMC Panel Mount Power Supply
PMC-24V035W1AX DELTA-PMC-24V035W1AX Datasheet
1Mb / 13P
   PMC Panel Mount Power Supply
PMC-24V050W1AX DELTA-PMC-24V050W1AX Datasheet
1Mb / 12P
   PMC Panel Mount Power Supply
PMC-24V075W1AX DELTA-PMC-24V075W1AX Datasheet
1Mb / 12P
   PMC Panel Mount Power Supply
PMC-24V150W1BX DELTA-PMC-24V150W1BX Datasheet
1,021Kb / 13P
   PMC Panel Mount Power Supply
PMC-12V035W1AA DELTA-PMC-12V035W1AA_13 Datasheet
965Kb / 12P
   PMC Panel Mount Power Supply
PMC-12V050W1AA DELTA-PMC-12V050W1AA_13 Datasheet
944Kb / 11P
   PMC Panel Mount Power Supply
PMC-24V150W1AX DELTA-PMC-24V150W1AX Datasheet
646Kb / 12P
   PMC Panel Mount Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com