Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E24SR3R320NRFA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # E24SR3R320NRFA
Description  Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E24SR3R320NRFA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  E24SR3R320NRFA Datasheet HTML 1Page - Delta Electronics, Inc. E24SR3R320NRFA Datasheet HTML 2Page - Delta Electronics, Inc. E24SR3R320NRFA Datasheet HTML 3Page - Delta Electronics, Inc. E24SR3R320NRFA Datasheet HTML 4Page - Delta Electronics, Inc. E24SR3R320NRFA Datasheet HTML 5Page - Delta Electronics, Inc. E24SR3R320NRFA Datasheet HTML 6Page - Delta Electronics, Inc. E24SR3R320NRFA Datasheet HTML 7Page - Delta Electronics, Inc. E24SR3R320NRFA Datasheet HTML 8Page - Delta Electronics, Inc. E24SR3R320NRFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
FEATURES
High efficiency: 90% @ 3.3V/ 20A
Size: 58.4mmx22.8mmx10.0mm
(2.30”x0.90”x0.39”)
Industry standard pin out
Fixed frequency operation
Input UVLO, Output OTP, OCP, OVP
Basic insulation
2250V isolation
No minimum load required
ISO 9001, TL 9000, ISO 14001, QS 9000,
OHSAS 18001 certified manufacturing
facility
UL/cUL 60950-1 (US & Canada)
recognized, and TUV (EN60950-1)
certified
CE mark meets 73/23/EEC and
93/68/EEC directive
APPLICATIONS
Telecom / DataCom
Wireless Networks
Optical Network Equipment
Server and Data Storage
Industrial / Test Equipment
OPTIONS
Positive On/Off logic
SMD pin
Short pin lengths available
Delphi Series E24SR, 66W Eighth Brick Family
DC/DC Power Modules: 24V in, 3.3V/20A out
The Delphi Series E24SR Eighth Brick, 24V input, single output, isolated
DC/DC converters are the latest offering from a world leader in power
systems technology and manufacturing ― Delta Electronics, Inc. This
product family is available in either a through-hole or surface-mounted
package and provides up to 66 watts of power or 20A of output current
(3.3V and below) in an industry standard footprint and pinout. The
E24SR converter operates from an input voltage of 18V to 36V and is
available in output voltages from 3.3V to 12V. Efficiency for the 3.3V
output is 90% at 20A full load. With creative design technology and
optimization of component placement, these converters possess
outstanding electrical and thermal performance, as well as extremely
high reliability under highly stressful operating conditions. All models are
fully protected from abnormal input/output voltage, current, and
temperature conditions. The Delphi Series converters meet all safety
requirements with basic insulation.
DATASHEET
DS_E24SR3R320_01032008


Similar Part No. - E24SR3R320NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E24SR3R320NRFA DELTA-E24SR3R320NRFA Datasheet
748Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 3.3V/20A out
E24SR3R320NRFA DELTA-E24SR3R320NRFA Datasheet
785Kb / 15P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 5V/12A out
E24SR3R320NRFA DELTA-E24SR3R320NRFA Datasheet
770Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 6.5V/8A out
E24SR3R320NRFA DELTA-E24SR3R320NRFA Datasheet
761Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 12V/5A out
More results

Similar Description - E24SR3R320NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR1R225NRFA DELTA-E48SR1R225NRFA_14 Datasheet
877Kb / 16P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules
E24SR06508NRFA DELTA-E24SR06508NRFA Datasheet
483Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 6.5V/8A out
E24SR3R320 DELTA-E24SR3R320 Datasheet
748Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 3.3V/20A out
E24SR05012 DELTA-E24SR05012 Datasheet
785Kb / 15P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 5V/12A out
E24SR12005NRFA DELTA-E24SR12005NRFA Datasheet
513Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 12V/5A out
E24SR06508 DELTA-E24SR06508 Datasheet
770Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 6.5V/8A out
E24SR12005 DELTA-E24SR12005 Datasheet
761Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 12V/5A out
E48SC12008NRFH DELTA-E48SC12008NRFH_14 Datasheet
701Kb / 18P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules
E48SC12005NNFA DELTA-E48SC12005NNFA_14 Datasheet
646Kb / 16P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules
E48SR1R225 DELTA-E48SR1R225 Datasheet
863Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com