Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DK03S1205A Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DK03S1205A
Description  2W DC/DC CONVERTER, DIP-Package,Wide 2:1 Input Range
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DK03S1205A Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DK03S1205A Datasheet HTML 1Page - Delta Electronics, Inc. DK03S1205A Datasheet HTML 2Page - Delta Electronics, Inc. DK03S1205A Datasheet HTML 3Page - Delta Electronics, Inc. DK03S1205A Datasheet HTML 4Page - Delta Electronics, Inc. DK03S1205A Datasheet HTML 5Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DK03S/D Series
2W DC/DC CONVERTER, DIP-Package
,Wide 2:1 Input Range
DS_ DK03S/D_07172012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
P1
FEATURES
Efficiency up to 86%
DIP Package with Industry Standard Pinout
MTBF > 1M Hours
Isolation Volage 1500VDC
Short Circuit Protection
Complies with EN55022 Class A
Operating Temperature Range -25
℃ to +85℃
Low Ripple&Noise
CSA60950-1 Safety Approval
Lead free, RoHs Compliant
3 Years Product Warranty
The DK03S/D series are miniature, DIP Package, isolated 3W DC/DC converters with 1,500VDC isolation. It offers short circuit
protection and allows a wide operating temperature range of –25°C to +85°C. These isolated DC/DC converters are the latest
offering from a world leader in power systems technology and manufacturing ― Delta Electronics, Inc. With creative design
technology and optimization of component placement, these converters possess outstanding electrical and thermal performance, as
well as extremely high reliability under highly stressful operating conditions.
Model List
Output
Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Reflected
Ripple
Current
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
mA(typ.)
uF
%
DK03S1203A
3.3
600
60
220
75
DK03S1205A
5
500
50
267
78
DK03S1212A
12
250
25
305
82
DK03S1215A
15
200
20
309
4000
81
DK03D1205A
±5
±250
±25
274
76
DK03D1212A
±12
±125
±12.5
313
80
DK03D1215A
12
(9 ~ 18)
±15
±100
±10
321
30
15
1000*
78
DK03S2403A
3.3
600
60
109
76
DK03S2405A
5
500
50
130
80
DK03S2412A
12
250
25
150
83
DK03S2415A
15
200
20
149
4000
84
DK03D2405A
±5
±250
±25
134
78
DK03D2412A
±12
±125
±12.5
152
82
DK03D2415A
24
(18 ~ 36)
±15
±100
±10
152
8
15
1000*
82
DK03S4803A
3.3
600
60
53
78
DK03S4805A
5
500
50
64
82
DK03S4812A
12
250
25
74
85
DK03S4815A
15
200
20
73
4000
86
DK03D4805A
±5
±250
±25
65
80
DK03D4812A
±12
±125
±12.5
74
84
DK03D4815A
48
(36 ~75)
±15
±100
±10
75
4
15
1000*
83
* For each output


Similar Part No. - DK03S1205A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DK03S0303A DELTA-DK03S0303A Datasheet
227Kb / 5P
   5W DC/DC CONVERTER, SMD-Package , Wide 2:1 Input Ranage
DK03S0503A DELTA-DK03S0503A Datasheet
227Kb / 5P
   5W DC/DC CONVERTER, SMD-Package , Wide 2:1 Input Ranage
More results

Similar Description - DK03S1205A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DB02S0503A DELTA-DB02S0503A Datasheet
208Kb / 5P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DB02S DELTA-DB02S Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
SD02S DELTA-SD02S Datasheet
220Kb / 4P
   2W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
DH06S1203A DELTA-DH06S1203A Datasheet
214Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DG06S DELTA-DG06S Datasheet
217Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DH06S DELTA-DH06S Datasheet
212Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DP06S DELTA-DP06S Datasheet
218Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, Wide 2:1 Input Range
DD03S DELTA-DD03S Datasheet
209Kb / 4P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DG06S0503A DELTA-DG06S0503A Datasheet
221Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DD03S0505A DELTA-DD03S0505A Datasheet
211Kb / 5P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com