Electronic Components Datasheet Search |
|
DIM3R3300SFA Datasheet(PDF) 3 Page - Delta Electronics, Inc. |
|
DIM3R3300SFA Datasheet(HTML) 3 Page - Delta Electronics, Inc. |
3 / 14 page PRELIMINARY DATASHEET DS_DIM3R3_03252009 3 TECHNICAL SPECIFICATIONS (TA=25°C, airflow rate=300 LFM, Vin=48Vdc, nominal Vout unless otherwise noted;) PARAMETER NOTES and CONDITIONS DIM3R3300 (Standard) Min. Typ. Max. Units MANAGEMENT POWER Operating Input Voltage Continuous -36 -48 -75 Output Voltage Set-point I(MGMT_PWR)=1.25A -1.5 +1.5 %Vo Output Voltage (total) Over Vin, load, temperature -3 +3 %Vo Output Regulation Line Regulation Vi= Vi,min to Vi,max 0.05 0.2 %Vo Load Regulation Io=Io,min to Io,max 0.05 0.2 %Vo Temperature Regulation Ta=Ta,min to Ta,max 1 %Vo Output Voltage Overshoot 3 %Vo Back-Drive Current NA 0 mA Switching Frequency 450 KHz MANAGEMENT POWER (3.3V) Output Ripple and Noise 10 μF Tan cap and 1μF ceramic cap RMS 5Hz to 20 MHz bandwidth 20 mV Peak-to-peak 5Hz to 20MHz bandwidth 70 mV Output Current 0 2.4 A Over Current Protection Hiccup mode 3 6.5 A Output Short-circuit Current (RMS) TBD A Hiccup Mode Restart Time 10 mS Output Over Voltage Protection Voltage limitation mode 5 5.4 V Dynamic Response (20 MHz bandwidth) load step is 50%~100%~50%, slew rate is 0.1A/ μS Peak Deviation 3 5 %Vo Settling Time 800 μS Turn-On Delay Times I(MGMT_PWR)=2.5A 25 mS Turn-On Rising Times I(MGMT_PWR)=2.5A 5 mS External Load Capacitance Io=Io,min to Io,max 1000 μF MANAGEMENT POWER (5V option) Output Ripple and Noise RMS 5Hz to 20 MHz bandwidth TBD mVc Peak-to-peak 5Hz to 20MHz bandwidth mV Output Current 0 1.6 A Over Current Protection Hiccup mode 1.9 2.5 A Hiccup Mode Restart Time 10 mS Output Over Voltage Protection Voltage limitation mode TBD V Dynamic Response (20 MHz bandwidth) load step is 50%~100%~50%, slew rate is 0.1A/ μS Peak Deviation 3 5 %Vo Settling Time TBD μS Turn-On Delay Times I(MGMT_PWR)=1.6A TBD mS Turn-On Rising Times I(MGMT_PWR)=1.6A TBD mS External Load Capacitance Io=Io,min to Io,max TBD μF BLUE LED POWER 5V Operating Input Voltage Continuous -36 -48 -75 Vdc Total Output Voltage Range 4.9 5 5.1 Vdc Output Regulation -3 3 %Vo Output Ripple and Noise 5 mV Operating Output Current Range 0 0.1 A |
Similar Part No. - DIM3R3300SFA_14 |
|
Similar Description - DIM3R3300SFA_14 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |