Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DH06S1212A Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DH06S1212A
Description  6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DH06S1212A Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DH06S1212A Datasheet HTML 1Page - Delta Electronics, Inc. DH06S1212A Datasheet HTML 2Page - Delta Electronics, Inc. DH06S1212A Datasheet HTML 3Page - Delta Electronics, Inc. DH06S1212A Datasheet HTML 4Page - Delta Electronics, Inc. DH06S1212A Datasheet HTML 5Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2
DH06S/D Series
6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DS_DH06S/D_07162012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
P1
FEATURES
Efficiency up to 84%e
DIP Package with Industry Standard Pinout
2:1 Wide Input Range
Operating Temperature Range -40°C to +85°C
Short Circuit Protection
Overload Protection
Isolation Voltage 1500VDC /3000VDC(Optional)
Complies with EN 55022 Class A
Lead free, RoHs Compliant
3 Years Product Warranty
The DH06S/D series are miniature, DIP Package, isolated 6W DC/DC converters with 1,500VDC/3,000 isolation. It offers short circuit
protection and allows a wide operating temperature range of –40°C to +85°C (with derating).These isolated DC/DC converters are the latest
offering from a world leader in power systems technology and manufacturing ― Delta Electronics, Inc. With creative design technology and
optimization of component placement, these converters possess outstanding electrical and thermal performance, as well as extremely high
reliability under highly stressful operating conditions.
Model List
Output
Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
@Max. Load
@No Load
Reflected
Ripple
Current
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA(typ.)
mA(typ.)
mA(typ.)
uF
%
DH06S1203A
3.3
1200
440
470
75
DH06S1205A
5
1200
641
470
78
DH06S1212A
12
500
609
100
82
DH06S1215A
15
400
609
100
82
DH06S1224A
24
250
595
47
84
DH06D1205A
±5
±500
534
100*
78
DH06D1212A
±12
±250
609
100*
82
DH06D1215A
12
(9 ~ 18)
±15
±200
609
40
30
100*
82
DH06S2403A
3.3
1200
214
470
77
DH06S2405A
5
1200
313
470
80
DH06S2412A
12
500
298
100
84
DH06S2415A
15
400
298
100
84
DH06S2424A
24
250
298
47
84
DH06D2405A
±5
±500
260
100*
80
DH06D2412A
±12
±250
298
100*
84
DH06D2415A
24
(18 ~ 36)
±15
±200
298
20
20
100*
84
DH06S4803A
3.3
1200
107
470
77
DH06S4805A
5
1200
156
470
80
DH06S4812A
12
500
149
100
84
DH06S4815A
15
400
149
100
84
DH06S4824A
24
250
149
47
84
DH06D4805A
±5
±500
130
100*
80
DH06D4812A
±12
±250
149
100*
84
DH06D4815A
48
(36 ~ 75)
±15
±200
149
10
15
100*
84
* For each output


Similar Part No. - DH06S1212A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DH06S1212A DELTA-DH06S1212A Datasheet
212Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
More results

Similar Description - DH06S1212A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DG06S0503A DELTA-DG06S0503A Datasheet
221Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DG06S DELTA-DG06S Datasheet
217Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DH06S DELTA-DH06S Datasheet
212Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DP06S DELTA-DP06S Datasheet
218Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, Wide 2:1 Input Range
DR06S DELTA-DR06S Datasheet
227Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DR06S2403A DELTA-DR06S2403A Datasheet
228Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DS06S2403A DELTA-DS06S2403A Datasheet
247Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DS06S DELTA-DS06S Datasheet
296Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DK03S DELTA-DK03S Datasheet
221Kb / 5P
   2W DC/DC CONVERTER, DIP-Package,Wide 2:1 Input Range
DB02S DELTA-DB02S Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com