Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HR30-6P-C Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. HR30-6P-C
Description  Miniature Waterproof Plastic Connectors
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC2 - List of Unclassifed Manufacturers

HR30-6P-C Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HR30-6P-C Datasheet HTML 1Page - List of Unclassifed Manufacturers HR30-6P-C Datasheet HTML 2Page - List of Unclassifed Manufacturers HR30-6P-C Datasheet HTML 3Page - List of Unclassifed Manufacturers HR30-6P-C Datasheet HTML 4Page - List of Unclassifed Manufacturers HR30-6P-C Datasheet HTML 5Page - List of Unclassifed Manufacturers HR30-6P-C Datasheet HTML 6Page - List of Unclassifed Manufacturers HR30-6P-C Datasheet HTML 7Page - List of Unclassifed Manufacturers HR30-6P-C Datasheet HTML 8Page - List of Unclassifed Manufacturers HR30-6P-C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Applicable cable diameter range
4.2 to 5
3.5 to 4.3
6.2 to 7
3
sPlugs
qCrimp Type
qSolder Type
A(Fully tightened)
Applicable
cable diameter
A(Fully tightened)
Applicable
cable diameter
1
2
3
4
5
6
Part Number
HR30-6P-3S(71)
HR30-6P-6S(71)
HR30-6P-6P(71)
HR30-6PA-3S(71)
HR30-6PA-6S(71)
HR30-6PA-6P(71)
HR30-7P-12S(71)
HR30-8P-12P(71)
CL No.
130-0004-1-71
130-0010-4-71
130-0009-5-71
130-0021-0-71
130-0019-9-71
130-0020-8-71
130-0027-7-71
130-0026-4-71
Weight
RoHS
A
B
Solder pot inner diameter
1.1 mm
0.8 mm
1.1 mm
0.8 mm
29.8
30.3
29.8
30.3
HR30-7P-12SC (Shown)
Shown with terminated and installed contacts.
Note: Crimp contacts are not included. Please order applicable contacts separately.
HR30-6P-6S (Shown)
4g
YES
6.7g
Part Number
HR30-7P-10SC(71)
HR30-7P-12SC(71)
HR30-8P-12PC(71)
CL No.
130-0013-2-71
130-0014-5-71
130-0015-8-71
Weight
RoHS
Applicable cable diameter range
A
Crimp contact
HR30-SC-211
HR30-PC-211
6.2 to 7
6g
YES
12.6
39.8
15.5
0.6 mm
39.8
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn