Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HR30-6P-C Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part No. HR30-6P-C
Description  Miniature Waterproof Plastic Connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HR30-6P-C Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button HR30-6P-C Datasheet HTML 4Page - List of Unclassifed Manufacturers HR30-6P-C Datasheet HTML 5Page - List of Unclassifed Manufacturers HR30-6P-C Datasheet HTML 6Page - List of Unclassifed Manufacturers HR30-6P-C Datasheet HTML 7Page - List of Unclassifed Manufacturers HR30-6P-C Datasheet HTML 8Page - List of Unclassifed Manufacturers HR30-6P-C Datasheet HTML 9Page - List of Unclassifed Manufacturers HR30-6P-C Datasheet HTML 10Page - List of Unclassifed Manufacturers HR30-6P-C Datasheet HTML 11Page - List of Unclassifed Manufacturers HR30-6P-C Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
BGeneral usage notes
BPrecautions
1. Mating
2. Un-mating
When mounting, smooth mating will be achieved by holding plug
in any are “A” and aligning the arrow of the plug with that of the
receptacle ,then pushing the plug straight in.
When removing the plug from its connected condition, hold the
plug by push/pull locking collar (area “B”) and pull straight off.
D
C
Alignment marks
C
D
Receptacle
Mounting panel
Plug
Cable
A
B
Push/pull locking collar
Cable
1. Do NOT apply force in excess of 30N in the directions shown below.
2. To maintain the water/dust protection performance and the cable clamp force, use a cable that is within the range of applicable cable diameter.
3. Consult HRS representative when using different cables.
Panel
30 N max.
30 N max.
30 N max.
The contents of this catalog are current as of date of publication. Contents are subject to change without notice for the purpose of improvements.
5-23,OSAKI 5-CHOME,SHINAGAWA-KU,TOKYO 141-8587,JAPAN
PHONE: 81-3-3491-9741, FAX: 81-3-3493-2933
http://www.hirose.com
http://www.hirose-connectors.com
®
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn