Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HZZ02002G Datasheet(PDF) 2 Page - Power-One

Part # HZZ02002G
Description  FNP1500/1800 Front-Ends FNR-3 Power Shelves Data Sheet
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

HZZ02002G Datasheet(HTML) 2 Page - Power-One

  HZZ02002G Datasheet HTML 1Page - Power-One HZZ02002G Datasheet HTML 2Page - Power-One HZZ02002G Datasheet HTML 3Page - Power-One HZZ02002G Datasheet HTML 4Page - Power-One HZZ02002G Datasheet HTML 5Page - Power-One HZZ02002G Datasheet HTML 6Page - Power-One HZZ02002G Datasheet HTML 7Page - Power-One HZZ02002G Datasheet HTML 8Page - Power-One HZZ02002G Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
BCD.00247 Rev. AA, 07-Nov-12
Page 2 of 18
www.power-one.com
FNP1500/1800 Front-Ends
& FNR-3 Power Shelves Data Sheet
Model Selection
Model
Input voltage
VAC
auto selected
1
Output 1
Output 2
Rated power
W
Compatible
Shelf
2
Vo1 nom
VDC
Io1 max
ADC
Vo2 nom
VDC
Io2 max
ADC
FNP1500-12G
108 – 264
85 – 105
12
12
129 @ 11.64V
101.8 @ 11.78A
12
12
1
1
1512
1212
FNR-3-12G
FNP1500-48G
105 – 264
85 – 105
48
48
32.2
25.4
12
12
1
1
1512
1212
FNR-3-48G
FNP1800-48G
180 – 264
105 – 180
85 – 105
48
48
48
39.2
32.2
25.4
12
12
12
1
1
1
1812
1512
1212
FNR-3-48G
1
The available output power is automatically adjusted depending on the input voltage.
2
1U standard racks are available from Power-One. See the Rack (Power Shelf) section of this data sheet for configurations and details.
Absolute Maximum Ratings
Stress in excess of the absolute maximum ratings may cause performance degradation, adversely effect long-term reliability, or
cause permanent damage to the converter.
Parameter
Conditions/Description
Min
Max
Unit
Input voltage
Continuous
Transient, 60 ms max.
264
300
VAC
VAC
Operating ambient temperature
Vi min-Vi max, Io nom, cooling by internal fan
@ 100 % load
@ 50 % load
0
0
50
70
°C
°C
Storage temperature
Non-Operating
-40
85
°C
Environmental, Mechanical, & Reliability Specifications
Parameter
Conditions/Description
Min
Nom
Max
Unit
Altitude
Operating
Non-Operating
10 k
40 k
ASL Ft.
ASL Ft.
Relative humidity, non-condensing
Operating
10
90
% RH
Storage
5
95
% RH
Temperature coefficient
0 °C to 70 °C (after 15 min warm-up)
0.02
%/K
Shock
IEC/EN 60068-2-27, 11 ms
40
gpk
Sinusoidal vibration
IEC/EN 60068-2-6
2-8 Hz
8-200 Hz
200-500 Hz
7.5
2
4
mil
gpk
gpk
Random vibration
10-2000 Hz
6.15
grms
MTBF
Calculated per Bellcore (SR-332, Issue 1):
GB 25 °C
GB 25 °C (FNP1500-12G)
Demonstrated
230
TBD
250
kh
kh
kh


Similar Part No. - HZZ02002G

ManufacturerPart #DatasheetDescription
logo
Power-One
HZZ00101 POWER-ONE-HZZ00101 Datasheet
262Kb / 9P
   Cassette Style Mating Connectors
logo
Bel Fuse Inc.
HZZ00101-G BEL-HZZ00101-G Datasheet
2Mb / 10P
   Cassette Style Mating Connectors
HZZ00102-G BEL-HZZ00102-G Datasheet
2Mb / 10P
   Cassette Style Mating Connectors
HZZ00103-G BEL-HZZ00103-G Datasheet
2Mb / 10P
   Cassette Style Mating Connectors
HZZ00104-G BEL-HZZ00104-G Datasheet
2Mb / 10P
   Cassette Style Mating Connectors
More results

Similar Description - HZZ02002G

ManufacturerPart #DatasheetDescription
logo
Power-One
FNP1500 POWER-ONE-FNP1500_10 Datasheet
505Kb / 17P
   Front-Ends & FNR-3 Power Shelves Data Sheet
logo
Analog Devices
ADPD105 AD-ADPD105 Datasheet
884Kb / 66P
   Photometric Front Ends
logo
Artesyn Technologies
AFS2400 ARTESYN-AFS2400 Datasheet
246Kb / 3P
   Rack Mountable Power Shelves
logo
Analog Devices
ADPD1080 AD-ADPD1080 Datasheet
1Mb / 74P
   Photometric Front Ends
logo
Artesyn Technologies
AFS4000 ARTESYN-AFS4000 Datasheet
287Kb / 3P
   Rack Mountable Power Shelves
logo
NXP Semiconductors
AFD4400 NXP-AFD4400 Datasheet
869Kb / 101P
   AFD4400 Digital Front End Processor Data Sheet
Rev. 0, 10/2015
logo
Lineage Power Corporati...
J85480S1 LINEAGEPOWER-J85480S1 Datasheet
405Kb / 10P
   Compact Power Line Shelves
logo
Microchip Technology
TC500 MICROCHIP-TC500_06 Datasheet
653Kb / 34P
   Precision Analog Front Ends
2006
TC500 MICROCHIP-TC500 Datasheet
565Kb / 28P
   Precision Analog Front Ends
2002
logo
TelCom Semiconductor, I...
TC500 TELCOM-TC500 Datasheet
209Kb / 17P
   PRECISION ANALOG FRONT ENDS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com