Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS340IS Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # TS340IS
Description  Low forward voltage, high current capability
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

TS340IS Datasheet(HTML) 1 Page - Pan Jit International Inc.

  TS340IS Datasheet HTML 1Page - Pan Jit International Inc. TS340IS Datasheet HTML 2Page - Pan Jit International Inc. TS340IS Datasheet HTML 3Page - Pan Jit International Inc. TS340IS Datasheet HTML 4Page - Pan Jit International Inc. TS340IS Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
May 28,2014-REV.00
TS340IS
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O.
Flame Retardant Epoxy Molding Compound.
• Exceeds environmental standards of MIL-S-19500/228
• Low power loss, high efficiency.
• Low forward voltage, high current capability
• High surge capacity.
• Super fast recovery times, high voltage.
• Epitaxial chip construction.
• Lead free in compliance with EU RoHS 2011/65/EU directive.
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MICRO SURFACE MOUNT SCHOTTKY BRIDGE
VOLTAGE
40 Volt
CURRENT
3 Ampere
MECHANICAL DATA
• Case: TDI Molded plastic
• Terminals: Lead solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Weight: 0.003 ounces, 0.09 grams.
• Marking: Part number
ABSOLUTE MAXIMUM RATINGS (TA=25oC unless otherwise noted)
NOTES :
1.Mounted on a FR4 PCB, single-sided copper, with 100cm2 copper pad area.
2.Mounted on a FR4 PCB, single-sided copper, mini pad.
PA RA M E TE R
S YM B O L
VA L UE
UNITS
M a xi m um P eak Repet i t ve Re ve r s e Vo lt age
V RRM
40
V
M a xi m um RM S R e ve r s e Vo ltage
V RMS
28
V
M a xi mum D C B lo c k i ng Vo lt a g e
V R
40
V
M a xi m um A ver age For war d C ur r ent
IF (AV)
3A
P eak F o r war d S ur ge C ur r ent : 8. 3m s si ng le ha lf s i ne - wave s uper i m pos ed
on r a ted load per di ode
I FS M
60
A
Typ i ca l The r m a l Re si st a nce
( Not e 2)
( Not e 1)
R JA
R JC
145
27
OC/ W
Oper ati ng J unc ti on Te m per at ur e Ra ng e
TJ
- 55 t o + 150
O C
S tor age Te m per atur e R a ng e
TSTG
- 55 t o + 150
O C
0.012(0.30)
0.007(0.20)
0.006(0.15)
0.002(0.05)
0.203(5.15)
0.190(4.85)
+
-
0.028(0.7)
0.023(0.6)
0.162(4.10)
0.153(3.90)


Similar Part No. - TS340IS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
TS340IS PANJIT-TS340IS_14 Datasheet
115Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
More results

Similar Description - TS340IS

ManufacturerPart #DatasheetDescription
logo
MAKO SEMICONDUCTOR CO.,...
MBR1045CT MAKOSEMI-MBR1045CT Datasheet
499Kb / 4P
   High current capability, low forward voltage
SBR10U45SP5 MAKOSEMI-SBR10U45SP5 Datasheet
499Kb / 4P
   High current capability, low forward voltage
SB1045L MAKOSEMI-SB1045L Datasheet
499Kb / 4P
   High current capability, low forward voltage
MBR1550CT MAKOSEMI-MBR1550CT Datasheet
535Kb / 4P
   High current capability, low forward voltage
SBR15U50SP5 MAKOSEMI-SBR15U50SP5 Datasheet
535Kb / 4P
   High current capability, low forward voltage
MBR1045 MAKOSEMI-MBR1045 Datasheet
499Kb / 4P
   High current capability, low forward voltage
MCC1045UL MAKOSEMI-MCC1045UL Datasheet
499Kb / 4P
   High current capability, low forward voltage
SB1550L MAKOSEMI-SB1550L Datasheet
535Kb / 4P
   High current capability, low forward voltage
MBR1045CT MAKOSEMI-MBR1045CT Datasheet
499Kb / 4P
   High current capability, low forward voltage
MCC1045UL MAKOSEMI-MCC1045UL Datasheet
499Kb / 4P
   High current capability, low forward voltage
SB1045L MAKOSEMI-SB1045L Datasheet
499Kb / 4P
   High current capability, low forward voltage
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com