Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FTS-104-01-F-D Datasheet(PDF) 1 Page - Samtec, Inc

Part No. FTS-104-01-F-D
Description  MICRO LOW PROFILE TERMINAL STRIPS
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMTEC [Samtec, Inc]
Homepage  http://www.samtec.com/
Logo 

FTS-104-01-F-D Datasheet(HTML) 1 Page - Samtec, Inc

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(1,27 mm) .050"
FTS SERIES
FTS–116–02–L–D
FTS–110–02–F–DV
FTS–122–01–F–DV
FTS–111–02–L–DV–SA
Mates with
socket strips
or IDC cable
Impedance matched for
high speed applications
Surface
mount or
through-hole
Shrouded and
alignment pin
options available
Micro pitch
.050" x .050"
(1,27 mm x 1,27 mm)
Low profile
(1,27 mm) .050"
WWW.SAMTEC.COM
Mates with:
FFSD, CLP, FLE
LEAD
STYLE
OTHER
OPTION
PLATING
OPTION
(–D & –DV only)
–SA
= End Shroud with
Alignment Pin
(05 thru 46
positions. Style
-02 & -03 only)
–S
= End Shroud
(05 thru 46
positions. Style
-02 & -03 only)
–P
= Pick &
Place Pad
(05 positions
minimum)
–TR
= Tape & Reel
(-DV only)
(Required callout
for positions
2 thru 4)
NO. PINS
PER ROW
1
FTS
02 thru 50
(except –S & –SA
option = 05 thru 46)
(Shrouded options removed for clarity)
Note: Some lengths,
styles and options are
non-standard, non-returnable.
OPTIONS
–P OPTION
–S OPTION
–SA OPTION
–TR OPTION
–F
= Gold flash
on post,
Matte Tin
on tail
–L
= 10µ" (0,25 µm)
Gold on post,
Matte Tin
on tail
ROW
OPTION
–D
= Double
Through-hole
–DV
= Double
Vertical SMT
–S
= Single
Through-hole
–SV
= Single
Vertical SMT
–01
= .120"
(3,05 mm)
Post
(Mates with
FFSD)
–02
= .075"
(1,91 mm)
Post
(Mates with
FLE)
–03
= .065"
(1,65 mm)
Post
(Mates with
CLP)
For complete specifications and
recommended PCB layouts see
www.samtec.com?FTS
Insulator Material:
Black Liquid Crystal Polymer
Terminal Material:
Phosphor Bronze
Operating Temp Range:
-55°C to +125°C
Plating:
Sn or Au over 50µ"
(1,27 µm) Ni
RoHS Compliant:
Yes
Lead–Free Solderable:
Yes
SMT Lead Coplanarity:
.004" (0,10 mm) max
SPECIFICATIONS
MICRO LOW PROFILE TERMINAL STRIPS
F-214 (Rev 27MAY14)
No. of positions x .050 (1,27)
(1,27) .050
(3,42)
.135
(0,86)
.034
(3,48)
.137
(4,70)
.185
No of positions x .050 (1,27)
+ .325 (8,25) = –SA
02
50
01
01
50
49
02
01
46
45
(4,57)
.180
(5,84)
.230
(1,27)
.050
(0,41)
.016
SQ
A
A
(2,29)
.090
No of positions x .050 (1,27)
+ .200 (5,08) = – S
(3,30)
.130
X
(5,08)
.200
(4,06)
.160
(3,56)
.140
(3,56)
.140
(1,40)
.055
(1,59)
.0625
(1,27)
.050
DIA
(1,27)
.050
(2,16)
.085
–SA OPTION
–DV
–SV
–D
–S
–S OPTION
–P OPTION
LEAD
STYLE
A
–01
(3,05) .120
–02
(1,91) .075
–03
(1,65) .065
For complete scope of
recognitions see
www.samtec.com/quality
RECOGNITIONS
ALSO AVAILABLE
(MOQ Required)
• Alignment pin
Contact Samtec.


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn