Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FH21-28S-1DS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FH21-28S-1DS
Description  1mm Pitch FPC/FFC Connector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FH21-28S-1DS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FH21-28S-1DS Datasheet HTML 1Page - List of Unclassifed Manufacturers FH21-28S-1DS Datasheet HTML 2Page - List of Unclassifed Manufacturers FH21-28S-1DS Datasheet HTML 3Page - List of Unclassifed Manufacturers FH21-28S-1DS Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
D16
Number of Contacts
Size
Unit: mm
A
B
4.0
5.0
7.0
9.0
11.0
13.0
14.0
15.0
17.0
19.0
21.0
23.0
25.0
27.0
29.0
6.0
7.0
9.0
11.0
13.0
15.0
16.0
17.0
19.0
21.0
23.0
25.0
27.0
29.0
31.0
5
6
8
101214151618202224262830
Number of Contacts
Size
Unit: mm
A
4.0
5.0
7.0
9.0
11.0
13.0
14.0
15.0
17.0
19.0
21.0
23.0
25.0
27.0
29.0
5
6
8
101214151618202224262830
sMaterial
Part
Material
Finish
Remarks
Insulator
PBT
Black
UL94V-0
Contact
Phosphor bronze
Solder plating
---------------
sOrdering Information
Please determine the specific product. If needed, please select and order the product from the product No. as listed in this
catalog on page D17 and D18.
FH 21 - 10 S - 1 DS
qw
r
et
y
r Contact Alignment: Single
t Contacts Pitch: 0.3mm
y Contact Type: DS : Right angle type
DSA : Straight type
q Series Name
: FH
w Series No.
: 21
e Number of Contacts: 5, 6, 8, 10, 12, 14, 15, 16,
18, 20, 22, 24, 25, 28, 30
BFPC•FFC Dimensions
BPCB Footprints
Note: In case of FPC, specify 0.25, excluding adhesive agent
included in FFC.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - FH21-28S-1DS

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH21-28S-1DS HIROSE-FH21-28S-1DS Datasheet
104Kb / 4P
   1mm Pitch FPC/FFC Connector
FH21-28S-1DSA HIROSE-FH21-28S-1DSA Datasheet
104Kb / 4P
   1mm Pitch FPC/FFC Connector
More results

Similar Description - FH21-28S-1DS

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH21-5S-1DS HIROSE-FH21-5S-1DS Datasheet
104Kb / 4P
   1mm Pitch FPC/FFC Connector
logo
FCI connector
HFW14R-1STE1 FCI-CONNECTOR-HFW14R-1STE1 Datasheet
761Kb / 9P
   1mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
HFW26R-1STE1LF FCI-CONNECTOR-HFW26R-1STE1LF Datasheet
769Kb / 10P
   1mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
SFW6R-2STE9LF FCI-CONNECTOR-SFW6R-2STE9LF Datasheet
850Kb / 9P
   1mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
logo
Hirose Electric
FH12 HIROSE-FH12 Datasheet
445Kb / 19P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
FH12-20S-05SV55 ETC2-FH12-20S-05SV55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12-45S-0.5SV55 HIROSE-FH12-45S-0.5SV55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12-6S-0.5SH HIROSE-FH12-6S-0.5SH Datasheet
481Kb / 10P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
FH12-40S-05SH ETC2-FH12-40S-05SH Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12-33-S-0.5SH55 HIROSE-FH12-33-S-0.5SH55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com