Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JMK105BJ474KV-F Datasheet(PDF) 40 Page - Taiyo Yuden (U.S.A.), Inc

Part # JMK105BJ474KV-F
Description  Please read this notice before using the TAIYO YUDEN products.
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

JMK105BJ474KV-F Datasheet(HTML) 40 Page - Taiyo Yuden (U.S.A.), Inc

Back Button JMK105BJ474KV-F Datasheet HTML 36Page - Taiyo Yuden (U.S.A.), Inc JMK105BJ474KV-F Datasheet HTML 37Page - Taiyo Yuden (U.S.A.), Inc JMK105BJ474KV-F Datasheet HTML 38Page - Taiyo Yuden (U.S.A.), Inc JMK105BJ474KV-F Datasheet HTML 39Page - Taiyo Yuden (U.S.A.), Inc JMK105BJ474KV-F Datasheet HTML 40Page - Taiyo Yuden (U.S.A.), Inc JMK105BJ474KV-F Datasheet HTML 41Page - Taiyo Yuden (U.S.A.), Inc JMK105BJ474KV-F Datasheet HTML 42Page - Taiyo Yuden (U.S.A.), Inc JMK105BJ474KV-F Datasheet HTML 43Page - Taiyo Yuden (U.S.A.), Inc JMK105BJ474KV-F Datasheet HTML 44Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) .
c_mlcc_CFcap_reli_e-E02R01
15.High Temperature Loading
Specified Value
Appearance
: No abnormality
Capacitance change
: ±3% max
Dissipation factor
: 0.35% max
Insulation resistance
: 50MΩμF or 1000MΩ, whichever is smaller
Test Methods and
Remarks
According to JIS C 5102 clause 9.10.
Temperature
: Maximum operating temperature
Duration
: 1000 +48/-0 hrs
Applied voltage
: Rated voltage x 2
Charge/discharge current
: 50mA max
Measurement shall be conducted
: 24 ±2hrs under the standard condition
Note1
Note1 Standard condition: Temperature: 5 to 35℃, Relative humidity: 45 to 85 % RH, Air pressure: 86 to 106kPa
When there are questions concerning measurement results, in order to provide correlation data, the test shall be conducted under the following
condition.
Temperature: 20±2℃, Relative humidity: 60 to 70 % RH, Air pressure: 86 to 106kPa
Unless otherwise specified, all the tests are conducted under the "standard condition".


Similar Part No. - JMK105BJ474KV-F

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
JMK105BJ474KV8F TAIYO-YUDEN-JMK105BJ474KV8F Datasheet
468Kb / 3P
   MLCC (High dielectric type) for Telecommunications infrastructure and Industrial equipment / Medical devices
JMK105BJ474KVHF TAIYO-YUDEN-JMK105BJ474KVHF Datasheet
289Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive
More results

Similar Description - JMK105BJ474KV-F

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NR8040T150M TAIYO-YUDEN-NR8040T150M Datasheet
811Kb / 22P
   Please read this notice before using the TAIYO YUDEN products.
LBC2518T331M TAIYO-YUDEN-LBC2518T331M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
LHL10TB122J TAIYO-YUDEN-LHL10TB122J Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
NR5040T6R8M TAIYO-YUDEN-NR5040T6R8M Datasheet
811Kb / 22P
   Please read this notice before using the TAIYO YUDEN products.
LB2012T101M TAIYO-YUDEN-LB2012T101M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
LHL13TB151K TAIYO-YUDEN-LHL13TB151K Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
LB2518T470M TAIYO-YUDEN-LB2518T470M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products
LHL08TB1R5M TAIYO-YUDEN-LHL08TB1R5M Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
LB2016T330M TAIYO-YUDEN-LB2016T330M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
JMK212BJ226MD-T TAIYO-YUDEN-JMK212BJ226MD-T Datasheet
1Mb / 48P
   Please read this notice before using the TAIYO YUDEN products.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com