Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF8308MPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRF8308MPBF
Description  RoHs Compliant Containing No Lead and Bromide
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF8308MPBF Datasheet(HTML) 3 Page - International Rectifier

  IRF8308MPBF Datasheet HTML 1Page - International Rectifier IRF8308MPBF Datasheet HTML 2Page - International Rectifier IRF8308MPBF Datasheet HTML 3Page - International Rectifier IRF8308MPBF Datasheet HTML 4Page - International Rectifier IRF8308MPBF Datasheet HTML 5Page - International Rectifier IRF8308MPBF Datasheet HTML 6Page - International Rectifier IRF8308MPBF Datasheet HTML 7Page - International Rectifier IRF8308MPBF Datasheet HTML 8Page - International Rectifier IRF8308MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IRF8308MPbF
3
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
February 24, 2014
Fig 3. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient 
ˆ Used double sided cooling, mounting pad with large heatsink.
‰ Mounted on minimum footprint full size board with metalized
back and with small clip heatsink.
Notes:
Š Rθ is measured at TJ of approximately 90°C.
ƒ Surface mounted on 1 in. square Cu
(still air).
‰ Mounted to a PCB with
small clip heatsink (still air)
‰ Mounted on minimum
footprint full size board with
metalized back and with small
clip heatsink (still air)
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
10
100
t1 , Rectangular Pulse Duration (sec)
0.01
0.1
1
10
100
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthja + Tc
Ri (°C/W)
τι (sec)
0.99292 0.000074
2.171681 0.007859
24.14602
0.959
17.69469
32.6
τJ
τJ
τ1
τ1
τ2
τ2
τ3
τ3
R1
R1
R2
R2
R3
R3
Ci i
/Ri
Ci=
τi/Ri
τa
τ4
τ4
R4
R4
Absolute Maximum Ratings
Parameter
Units
PD @TA = 25°C
Power Dissipation
e
W
PD @TA = 70°C
Power Dissipation
e
PD @TC = 25°C
Power Dissipation
f
TP
Peak Soldering Temperature
°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJA
Junction-to-Ambient
el
–––
45
RθJA
Junction-to-Ambient
jl
12.5
–––
RθJA
Junction-to-Ambient
kl
20
–––
°C/W
RθJC
Junction-to-Case
fl
–––
1.4
RθJ-PCB
Junction-to-PCB Mounted
1.0
–––
Linear Derating Factor
W/°C
0.022
270
-40 to + 150
Max.
89
2.8
1.8


Similar Part No. - IRF8308MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF8308MPBF IRF-IRF8308MPBF Datasheet
277Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF8308MPBF IRF-IRF8308MPBF Datasheet
271Kb / 10P
   Dual Sided Cooling Compatible
IRF8308MPBF IRF-IRF8308MPBF_15 Datasheet
271Kb / 10P
   Dual Sided Cooling Compatible
More results

Similar Description - IRF8308MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6713STR1PBF IRF-IRF6713STR1PBF Datasheet
236Kb / 9P
   ROHS Compliant Containing No Lead and Bromide
IRF8308MTRPBF IRF-IRF8308MTRPBF Datasheet
277Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6894MTRPBF IRF-IRF6894MTRPBF Datasheet
253Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6894MPBF IRF-IRF6894MPBF_15 Datasheet
253Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6722S1PBF IRF-IRF6722S1PBF Datasheet
270Kb / 9P
   RoHS Compliant Containing No Lead and Bromide
IRF6718L2PBF IRF-IRF6718L2PBF_15 Datasheet
236Kb / 10P
   RoHS Compliant Containing No Lead and Bromide
IRF6726MPBF IRF-IRF6726MPBF_15 Datasheet
262Kb / 9P
   RoHS Compliant Containing No Lead and Bromide
IRF6802SDPBF IRF-IRF6802SDPBF_15 Datasheet
281Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6633TR1 IRF-IRF6633TR1 Datasheet
263Kb / 10P
   RoHs Compliant Containing No Lead and Bromide
IRF6802SDPBF IRF-IRF6802SDPBF Datasheet
230Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com