Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CIL1020Y Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CIL1020Y
Description  PNP COMPLEMENTARY PLANAR SILICON TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CIL1020Y Datasheet(HTML) 1 Page - Continental Device India Limited

  CIL1020Y Datasheet HTML 1Page - Continental Device India Limited CIL1020Y Datasheet HTML 2Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PNP COMPLEMENTARY PLANAR SILICON TRANSISTORS
CIL1020Y
(BPL)
TO-237
BCE
ABSOLUTE MAXIMUM RATINGS(Ta=25deg C unless otherwise specified)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
VCBO
60
V
Collector -Emitter Voltage
VCEO
60
V
Emitter Base Voltage
VEBO
6
V
Collector Current
IC
3
A
Power Dissipation Ta=25 deg C
PC
900
mW
Operating And Storage Junction
Tj, Tstg
-55 to +150
deg C
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector -Emitter Voltage
VCEO
IC=10mA, IB=0
50
-
-
V
Collector Cut off Current
ICBO
VCB=50V, IE=0
-
-
1.0
uA
Emitrer Cut off Current
IEBO
VEB=5V, IC=0
-
-
1.0
uA
DC Current Gain
hFE
IC=100mA,VCE=2V
100
-
560
IC=1.5A,VCE=2V
40
-
-
Collector Emitter Saturation Voltage
VCE(Sat)
IC=1A, IB=50mA
-
-
0.50
V
Base Emitter Saturation Voltage
VBE(Sat)
IC=1A, IB=50mA
-
-
1.2
V
Dynamic Characteristics
Gain Bandwidth Product
ft
VCE=10V,IC=50mA
-
150
-
MHz
Output Capacitance
Cob
VCB=10V, IE=0
-
40
-
pF
f=1MHz
Switching Time
Turn on Time
ton
VCC=30V, IB1=1B2
-
0.1
us
Storage Time
tstg
=50mA, RL=30 ohms
1.0
us
Fall Time
tf
Duty Cycle=1%
0.1
us
Continental Device India Limited
Data Sheet
Page 1 of 2
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CIL1020Y

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CIL1020 CDIL-CIL1020 Datasheet
229Kb / 2P
   PNP/NPN COMPLEMENTARY PLANAR SILICON TRANSISTORS
CIL1020PNP CDIL-CIL1020PNP Datasheet
229Kb / 2P
   PNP/NPN COMPLEMENTARY PLANAR SILICON TRANSISTORS
More results

Similar Description - CIL1020Y

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSA931 CDIL-CSA931 Datasheet
177Kb / 2P
   PNP/NPN COMPLEMENTARY PLANAR SILICON TRANSISTORS
CSA1013 CDIL-CSA1013 Datasheet
41Kb / 2P
   PNP/NPN COMPLEMENTARY PLANAR SILICON TRANSISTORS
CIL1020 CDIL-CIL1020 Datasheet
229Kb / 2P
   PNP/NPN COMPLEMENTARY PLANAR SILICON TRANSISTORS
CVG639 CDIL-CVG639 Datasheet
179Kb / 3P
   NPN/PNP COMPLEMENTARY SILICON PLANAR EPITAXIAL TRANSISTORS
logo
STMicroelectronics
MJD44H11 STMICROELECTRONICS-MJD44H11_03 Datasheet
152Kb / 5P
   COMPLEMENTARY SILICON PNP TRANSISTORS
MJD44H11 STMICROELECTRONICS-MJD44H11 Datasheet
64Kb / 5P
   COMPLEMENTARY SILICON PNP TRANSISTORS
logo
Micro Electronics
MPS-D04 MICRO-ELECTRONICS-MPS-D04 Datasheet
39Kb / 1P
   COMPLEMENTARY DARLINGTON SILICON PLANAR TRANSISTORS
logo
Continental Device Indi...
CSA1020PNP CDIL-CSA1020PNP Datasheet
206Kb / 3P
   COMPLEMENTARY SILICON PLANAR EPITAXIAL TRANSISTORS
BCY58 CDIL-BCY58 Datasheet
99Kb / 4P
   COMPLEMENTARY SILICON PLANAR EPITAXIAL TRANSISTORS
CSA1020 CDIL-CSA1020 Datasheet
95Kb / 3P
   COMPLEMENTARY SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com