Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLD667A Datasheet(PDF) 4 Page - Continental Device India Limited

Part # CLD667A
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CLD667A Datasheet(HTML) 4 Page - Continental Device India Limited

  CLD667A Datasheet HTML 1Page - Continental Device India Limited CLD667A Datasheet HTML 2Page - Continental Device India Limited CLD667A Datasheet HTML 3Page - Continental Device India Limited CLD667A Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Customer Notes
CLD667, CLD667A
TO-92
Plastic Package
Component Disposal Instructions
1. CDIL Semiconductor Devices are RoHS compliant, customers are requested to please
dispose as per prevailing Environmental Legislation of their Country.
2. In Europe, please dispose as per EU Directive 2002/96/EC on Waste Electrical and
Electronic Equipment (WEEE).
CLD667_667A Rev111209E
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Semiconductor Device(s) best suited for
application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to
confirm that the Device(s) meet functionality parameters for your application. The information furnished in the Data Sheet and on
the CDIL Web Site/CD are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies
or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any
CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for
use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Semiconductor
Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own
risk and CDIL will not be responsible for any damages resulting from such sale(s).
CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India.
Telephone + 91-11-2579 6150, 4141 1112 Fax + 91-11-2579 5290, 4141 1119
email@cdil.com,
www.cdilsemi.com
e-mail: email@cdil.com
www.cdilsemi.com
Continental Device India Limited
Data Sheet
Page 4 of 4


Similar Part No. - CLD667A

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
CLD SENSORTECHNICS-CLD Datasheet
58Kb / 3P
   Continuous Level Detection Sensors
logo
Raltron Electronics Cor...
CLD RALTRON-CLD Datasheet
56Kb / 3P
   CLOCK OSCILLATOR, LVDS, 3.3 VDC or 2.5VDC
logo
Tyco Electronics
CLD-51-20010 MACOM-CLD-51-20010 Datasheet
51Kb / 2P
   Delay on operate timing mode
CLD-51-20010 MACOM-CLD-51-20010 Datasheet
51Kb / 2P
   Compact Time Delay Relay
logo
Cree, Inc
CLD-AP147 CREE-CLD-AP147 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 XH Family LEDs
More results

Similar Description - CLD667A

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MPS6512 MICRO-ELECTRONICS-MPS6512 Datasheet
179Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
SEMTECH ELECTRONICS LTD...
MPSA13 SEMTECH_ELEC-MPSA13 Datasheet
130Kb / 1P
   NPN Silicon Epitaxial Planar Transistors
logo
Rectron Semiconductor
BC546 RECTRON-BC546 Datasheet
93Kb / 3P
   NPN Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
MPSA42 CDIL-MPSA42 Datasheet
195Kb / 3P
   NPN EPITAXIAL PLANAR SILICON TRANSISTORS
MPS8098 CDIL-MPS8098 Datasheet
258Kb / 4P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC549 CDIL-BC549 Datasheet
360Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
CN652 CDIL-CN652 Datasheet
146Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPS2222 CDIL-MPS2222 Datasheet
198Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC300 CDIL-BC300 Datasheet
133Kb / 3P
   NPN EPITAXIAL PLANAR SILICON TRANSISTORS
logo
First Components Intern...
BC847 FCI-BC847 Datasheet
146Kb / 1P
   NPN Silicon Planar Epitaxial Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com