Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF840LCS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IRF840LCS
Description  Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF840LCS Datasheet(HTML) 1 Page - Vishay Siliconix

  IRF840LCS Datasheet HTML 1Page - Vishay Siliconix IRF840LCS Datasheet HTML 2Page - Vishay Siliconix IRF840LCS Datasheet HTML 3Page - Vishay Siliconix IRF840LCS Datasheet HTML 4Page - Vishay Siliconix IRF840LCS Datasheet HTML 5Page - Vishay Siliconix IRF840LCS Datasheet HTML 6Page - Vishay Siliconix IRF840LCS Datasheet HTML 7Page - Vishay Siliconix IRF840LCS Datasheet HTML 8Page - Vishay Siliconix IRF840LCS Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: 91068
www.vishay.com
S11-1050-Rev. C, 30-May-11
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power MOSFET
IRF840LCS, IRF840LCL, SiHF840LCS, SiHF840LCL
Vishay Siliconix
FEATURES
• Halogen-free According to IEC 61249-2-21
Definition
• Ultra Low Gate Charge
• Reduced Gate Drive Requirement
• Enhanced 30 V VGS Rating
• Reduced Ciss, Coss, Crss
• Extremely High Frequency Operation
• Repetitive Avalanche Rated
• Compliant to RoHS Directive 2002/95/EC
DESCRIPTION
This new series of low charge Power MOSFETs achieve
significantly lower gate charge then conventional Power
MOSFETs. Utilizing the new LCDMOS (low charge device
Power MOSFETs) technology, the device improvements are
achieved without added product cost, allowing for reduced
gate drive requirements and total system savings. In
addition, reduced switching losses and improved efficiency
are achievable in a variety of high frequency applications.
Frequencies of a few MHz at high current are possible using
the new low charge Power MOSFETs.
These device improvements combined with the proven
ruggedness
and
reliability
that
characterize
Power
MOSFETs offer the designer a new power transistor
standard for switching applications.
Note
a. See device orientation.
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Starting TJ = 25 °C, L = 14 mH, Rg = 25 , IAS = 8.0 A (see fig. 12).
c. ISD  8.0 A, dI/dt  100 A/μs, VDD  VDS, TJ  150 °C.
d. 1.6 mm from case.
e. Uses IRF840LC, SiHF840LC data and test conditions.
PRODUCT SUMMARY
VDS (V)
500
RDS(on) ()VGS = 10 V
0.85
Qg (Max.) (nC)
39
Qgs (nC)
10
Qgd (nC)
19
Configuration
Single
N-Channel MOSFET
G
D
S
D2PAK (TO-263)
G
D
S
I2PAK (TO-262)
G
D
S
ORDERING INFORMATION
Package
D2PAK (TO-263)
I2PAK (TO-262)
Lead (Pb)-free and Halogen-free
SiHF840LCS-GE3
SiHF840LCL-GE3
Lead (Pb)-free
IRF840LCSPbF
IRF840LCLPbF
SiHF840LCS-E3
SiHF840LCL-E3
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
500
V
Gate-Source Voltage
VGS
± 30
Continuous Drain Current
VGS at 10 V
TC = 25 °C
ID
8.0
A
TC = 100 °C
5.1
Pulsed Drain Currenta, e
IDM
28
Linear Derating Factor
1.0
W/°C
Single Pulse Avalanche Energyb, e
EAS
510
mJ
Avalanche Currenta
IAR
8.0
A
Repetiitive Avalanche Energya
EAR
13
mJ
Maximum Power Dissipation
TC = 25 °C
PD
125
W
TA = 25 °C
3.1
Peak Diode Recovery dV/dtc, e
dV/dt
3.5
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 150
°C
Soldering Recommendations (Peak Temperature)
for 10 s
300d
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - IRF840LCS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF840LCS IRF-IRF840LCS Datasheet
173Kb / 10P
   Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
logo
TRANSYS Electronics Lim...
IRF840LCS TEL-IRF840LCS Datasheet
156Kb / 2P
   Power MOSFET
logo
Vishay Siliconix
IRF840LCS VISHAY-IRF840LCS Datasheet
1Mb / 8P
   Power MOSFET
S-Pending-Rev. A, 02-Jun-08
IRF840LCS VISHAY-IRF840LCS Datasheet
231Kb / 10P
   Power MOSFET
01-Jan-2022
IRF840LCSPBF VISHAY-IRF840LCSPBF Datasheet
1Mb / 8P
   Power MOSFET
S-Pending-Rev. A, 02-Jun-08
More results

Similar Description - IRF840LCS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com