Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMC-12V050W1AA Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # PMC-12V050W1AA
Description  PMC Panel Mount Power Supply
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMC-12V050W1AA Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button PMC-12V050W1AA_13 Datasheet HTML 3Page - Delta Electronics, Inc. PMC-12V050W1AA_13 Datasheet HTML 4Page - Delta Electronics, Inc. PMC-12V050W1AA_13 Datasheet HTML 5Page - Delta Electronics, Inc. PMC-12V050W1AA_13 Datasheet HTML 6Page - Delta Electronics, Inc. PMC-12V050W1AA_13 Datasheet HTML 7Page - Delta Electronics, Inc. PMC-12V050W1AA_13 Datasheet HTML 8Page - Delta Electronics, Inc. PMC-12V050W1AA_13 Datasheet HTML 9Page - Delta Electronics, Inc. PMC-12V050W1AA_13 Datasheet HTML 10Page - Delta Electronics, Inc. PMC-12V050W1AA_13 Datasheet HTML 11Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TECHNICAL DATASHEET
PMC Panel Mount Power Supply
12V 50W 1 Phase / PMC-12V050W1AA
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (March 2013, Rev. 00)
10
Others
Delta RoHS Compliant
Restriction of the usage of hazardous substances
The European directive 2011/65/EU limits the maximum impurity level of homogeneous materials such as lead,
mercury, cadmium, chrome, polybrominated flame retardants PBB and PBDE for the use in electrical and
electronic equipment. RoHS is the abbreviation for “Restriction of the use of certain hazardous substances in
electrical and electronic equipment”.
This product conforms to this standard.


Similar Part No. - PMC-12V050W1AA_13

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC-12V050W1AA DELTA-PMC-12V050W1AA Datasheet
1,016Kb / 2P
   Panel Mount Power Supply 12V 50W 1 Phase
logo
Powerbox
PMC-12V050W1AA POWERBOX-PMC-12V050W1AA Datasheet
1Mb / 3P
   3 5 - 1 5 0 WAT T S - PA N E L M O U N T P OWE R S U P P LY
More results

Similar Description - PMC-12V050W1AA_13

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC-05V035W1AA DELTA-PMC-05V035W1AA Datasheet
764Kb / 11P
   PMC Panel Mount Power Supply
PMC-12V060W1NA DELTA-PMC-12V060W1NA Datasheet
1Mb / 11P
   PMC Panel Mount Power Supply
PMC-24V035W1AJ DELTA-PMC-24V035W1AJ Datasheet
1Mb / 13P
   PMC Panel Mount Power Supply
PMC-24V100W1AX DELTA-PMC-24V100W1AX Datasheet
912Kb / 12P
   PMC Panel Mount Power Supply
PMC-24V035W1AX DELTA-PMC-24V035W1AX Datasheet
1Mb / 13P
   PMC Panel Mount Power Supply
PMC-24V050W1AX DELTA-PMC-24V050W1AX Datasheet
1Mb / 12P
   PMC Panel Mount Power Supply
PMC-24V075W1AX DELTA-PMC-24V075W1AX Datasheet
1Mb / 12P
   PMC Panel Mount Power Supply
PMC-24V150W1BX DELTA-PMC-24V150W1BX Datasheet
1,021Kb / 13P
   PMC Panel Mount Power Supply
PMC-12V035W1AA DELTA-PMC-12V035W1AA_13 Datasheet
965Kb / 12P
   PMC Panel Mount Power Supply
PMC-24V150W1AX DELTA-PMC-24V150W1AX Datasheet
646Kb / 12P
   PMC Panel Mount Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com