Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJ-12V50WBNA Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part # PJ-12V50WBNA
Description  PJ Open Frame Power Supply
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PJ-12V50WBNA Datasheet(HTML) 6 Page - Delta Electronics, Inc.

Back Button PJ-12V50WBNA Datasheet HTML 2Page - Delta Electronics, Inc. PJ-12V50WBNA Datasheet HTML 3Page - Delta Electronics, Inc. PJ-12V50WBNA Datasheet HTML 4Page - Delta Electronics, Inc. PJ-12V50WBNA Datasheet HTML 5Page - Delta Electronics, Inc. PJ-12V50WBNA Datasheet HTML 6Page - Delta Electronics, Inc. PJ-12V50WBNA Datasheet HTML 7Page - Delta Electronics, Inc. PJ-12V50WBNA Datasheet HTML 8Page - Delta Electronics, Inc. PJ-12V50WBNA Datasheet HTML 9Page - Delta Electronics, Inc. PJ-12V50WBNA Datasheet HTML 10Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TECHNICAL DATASHEET
PJ Open Frame Power Supply
12V 50W 1 Phase / PJ-12V50W
NA
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (May 2013, Rev. 01)
6
Item Device Description
1
Input Connector
2
Output Connector
3
VR
4
Cover
5
Chassis
L x W x D: 162 x 60 x 36 mm (Enclosed)
Assembly & Installation
Assembly Reference
■ Open Frame
■ L Frame / Enclosed
For safety reasons, please ensure the mounted device is kept at
≥ 4mm safety distance at all sides from other components and
equipments. Please insert an insulation sheet between the system and product, if the safety distance is less than 4mm.
Use flexible cable (stranded or solid) of AWG No. 22-18. Please refer to Table 1 for the recommended Housing and Terminal.
Table 1
Connector (Board Mounting)
Housing
Terminal
Input (JST)
B3P5-VH(LF)(SN)
VHR-5N
SVH-21T-P1.1
Output (JST)
B4P-VH(LF)(SN)
VHR-4N
Notes
Dimensions are in mm
For information on Mounting Torque, and I/O Connector and Housing, please refer
to Table 1 (Page 6).
For Enclosed type: There are 6 threaded mounting holes and 5 normal mounting
holes.


Similar Part No. - PJ-12V50WBNA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PJ-12V50WXNA DELTA-PJ-12V50WXNA Datasheet
1,022Kb / 11P
   PJ Open Frame Power Supply
More results

Similar Description - PJ-12V50WBNA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PJ-12V15WXNA DELTA-PJ-12V15WXNA Datasheet
1Mb / 11P
   PJ Open Frame Power Supply
PJ-12V150WXXA DELTA-PJ-12V150WXXA Datasheet
1Mb / 13P
   PJ Open Frame Power Supply
PJ-24V50WXNA DELTA-PJ-24V50WXNA Datasheet
1,008Kb / 11P
   PJ Open Frame Power Supply
PJ-24V30WXNA DELTA-PJ-24V30WXNA Datasheet
1Mb / 11P
   PJ Open Frame Power Supply
PJ-5V15WXNA DELTA-PJ-5V15WXNA Datasheet
1Mb / 11P
   PJ Open Frame Power Supply
PJ-24V30WBNA DELTA-PJ-24V30WBNA Datasheet
1Mb / 12P
   PJ Open Frame Power Supply
PJ-24V150WBNA DELTA-PJ-24V150WBNA Datasheet
1Mb / 14P
   PJ Open Frame Power Supply
PJ-12V50WXNA DELTA-PJ-12V50WXNA Datasheet
1,022Kb / 11P
   PJ Open Frame Power Supply
PJ-24V100WXXA DELTA-PJ-24V100WXXA Datasheet
824Kb / 13P
   PJ Open Frame Power Supply
PJ-5V15WBNA DELTA-PJ-5V15WBNA Datasheet
1Mb / 12P
   PJ Open Frame Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com