Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJ-12V30WCNA Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # PJ-12V30WCNA
Description  PJ Open Frame Power Supply
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PJ-12V30WCNA Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button PJ-12V30WCNA Datasheet HTML 3Page - Delta Electronics, Inc. PJ-12V30WCNA Datasheet HTML 4Page - Delta Electronics, Inc. PJ-12V30WCNA Datasheet HTML 5Page - Delta Electronics, Inc. PJ-12V30WCNA Datasheet HTML 6Page - Delta Electronics, Inc. PJ-12V30WCNA Datasheet HTML 7Page - Delta Electronics, Inc. PJ-12V30WCNA Datasheet HTML 8Page - Delta Electronics, Inc. PJ-12V30WCNA Datasheet HTML 9Page - Delta Electronics, Inc. PJ-12V30WCNA Datasheet HTML 10Page - Delta Electronics, Inc. PJ-12V30WCNA Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TECHNICAL DATASHEET
PJ Open Frame Power Supply
12V 30W 1 Phase / PJ-12V30W
NA
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (May 2013, Rev. 01)
7
Mounting Orientation
Engineering Data
Convection
■ Open Frame / L Frame
■ Enclosed
Any excessive twisting or bending
may damage
the
device’s
PCB.
Please handle the device with care.
The device is not recommended to
be placed on low thermal conductive
surfaces. For example, plastics.
Prevent any foreign metal, particles
or
conductors
from
entering
the
device through the openings during
installation. It may cause: -Electric
shock;
Safety
hazard;
Product
failure.
The
power
supply
must
be
mounted by metal screws onto a
grounded
metal
surface.
It
is
highly
recommended
that
the
Earth terminal on the connector
be connected to the grounded
metal surface.
Fig.1.1
De-rating for Mounting Orientation A to F
> 50°C de-rate power by 2.5% / °C
Fig.1.2
De-rating for Mounting Orientation A to F
> 40°C de-rate power by 2.5% / °C


Similar Part No. - PJ-12V30WCNA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PJ-12V30WXNA DELTA-PJ-12V30WXNA Datasheet
1Mb / 11P
   PJ Open Frame Power Supply
More results

Similar Description - PJ-12V30WCNA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PJ-12V15WXNA DELTA-PJ-12V15WXNA Datasheet
1Mb / 11P
   PJ Open Frame Power Supply
PJ-12V150WXXA DELTA-PJ-12V150WXXA Datasheet
1Mb / 13P
   PJ Open Frame Power Supply
PJ-24V50WXNA DELTA-PJ-24V50WXNA Datasheet
1,008Kb / 11P
   PJ Open Frame Power Supply
PJ-24V30WXNA DELTA-PJ-24V30WXNA Datasheet
1Mb / 11P
   PJ Open Frame Power Supply
PJ-5V15WXNA DELTA-PJ-5V15WXNA Datasheet
1Mb / 11P
   PJ Open Frame Power Supply
PJ-12V50WBNA DELTA-PJ-12V50WBNA Datasheet
1,007Kb / 12P
   PJ Open Frame Power Supply
PJ-24V30WBNA DELTA-PJ-24V30WBNA Datasheet
1Mb / 12P
   PJ Open Frame Power Supply
PJ-24V150WBNA DELTA-PJ-24V150WBNA Datasheet
1Mb / 14P
   PJ Open Frame Power Supply
PJ-12V50WXNA DELTA-PJ-12V50WXNA Datasheet
1,022Kb / 11P
   PJ Open Frame Power Supply
PJ-24V100WXXA DELTA-PJ-24V100WXXA Datasheet
824Kb / 13P
   PJ Open Frame Power Supply
PJ-5V15WBNA DELTA-PJ-5V15WBNA Datasheet
1Mb / 12P
   PJ Open Frame Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com