Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCD203AC2 Datasheet(PDF) 2 Page - Picker Components

Part # PCD203AC2
Description  Printed Circuit Board Solid State Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PCD203AC2 Datasheet(HTML) 2 Page - Picker Components

  PCD203AC2_14 Datasheet HTML 1Page - Picker Components PCD203AC2_14 Datasheet HTML 2Page - Picker Components PCD203AC2_14 Datasheet HTML 3Page - Picker Components PCD203AC2_14 Datasheet HTML 4Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings at 25 Degrees C
Parameter
Symbol
Rating
Unit
Input signal voltage
Drop out voltage
RMS on state current
Peak one cycle surge current
Repetitive peak off state voltage
Operating frequency
Critical rate of rise on state current
Load supply voltage
Isolation voltage input to output
Operating temperature
Storage temperature
Soldering temperature 10 seconds
IN
V
V
I
I
V
f
di/dt
V
V
T
T
T
do
T
surge
out
iso
opr
stg
sol
DRM
4 - 24
1
3
30
600
47 - 70
50
250
4000
-30 - 100
-30 - 125
260
C
o
C
o
C
o
Vrms
Vrms AC
Hz
V
A
A rms
V DC
V DC
A/
S
Electrical Characteristics at 25 Degrees C
Parameter
Symbol
Conditions
Unit
Pick up voltage
Input current
On state voltage
Operating current
Leakage current
Critical rate of rise of off state voltage
Zero cross voltage
Load voltage rating
Minimum trigger current
Isolation resistance input to circuit
Turn on time
Turn off time
pu
I
V
V
I
I
dv/dt
V
V
I
R
T
T
in
T
op
out
FT
iso
on
off
leak
10 mA MAX
50 TO 280VAC
50 mArms MIN
1.5V rms MAX
5 TO 12 mA
4V DC MAX
ox
Rth(j-c)I
Thermal resistance (between junction and case)
It = 1Arms
V in = 4 - 24V
It = 1Arms
V out = 240 Vrms
V out = 240 Vrms
7 mArms MAX
See Note 1
50 TO 200V/
S
35 VAC MAX
10
10 OHMS MIN
8.3 ms MAX
8.3 ms MAX
I in = 7mA
I T = 50 mArms Min.
V DRM= 600 V
DC 500 V
60 Hz AC
60 Hz AC
C/W
o
1.3
PCD203AC2
PCD203AC2
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
Sales: (888)997-3933 Fax: (818) 342-5296 email: sales@pickercomponents.com URL: pickercomponents.com
PAGE 2
NOTES: 1. Output (dv/dt) protection is provided on all models. They are designed to switch
resistive or inductive loads to 0.2 power factor. The dv/dt rating is based on a
source impedance of 50 ohms.


Similar Part No. - PCD203AC2_14

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCD203AC2 PICKER-PCD203AC2 Datasheet
263Kb / 4P
   Printed Circuit Board Solid State Relay
More results

Similar Description - PCD203AC2_14

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCS05 PICKER-PCS05 Datasheet
168Kb / 2P
   Printed Circuit Board Solid State Relay
PCD203AC2 PICKER-PCD203AC2 Datasheet
263Kb / 4P
   Printed Circuit Board Solid State Relay
logo
celduc-relais
SKH10521 CELDUC-SKH10521 Datasheet
183Kb / 3P
   Solid State Relay for printed circuit board
SKL20220 CELDUC-SKL20220 Datasheet
377Kb / 3P
   Solid State Relay for printed circuit board
SKL10121 CELDUC-SKL10121 Datasheet
209Kb / 3P
   Solid State Relay for printed circuit board
SKL10520 CELDUC-SKL10520 Datasheet
480Kb / 3P
   Solid State Relay for printed circuit board
SKL20241 CELDUC-SKL20241 Datasheet
483Kb / 3P
   Solid State Relay for printed circuit board
SKL20520 CELDUC-SKL20520 Datasheet
479Kb / 3P
   Solid State Relay for printed circuit board
SKL20740 CELDUC-SKL20740 Datasheet
524Kb / 3P
   Solid State Relay for printed circuit board
SKH20120 CELDUC-SKH20120 Datasheet
274Kb / 3P
   Solid State Relay for printed circuit board
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com