Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3492MH Datasheet(PDF) 11 Page - Texas Instruments

Part # LM3492MH
Description  Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3492MH Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3492MH Datasheet HTML 7Page - Texas Instruments LM3492MH Datasheet HTML 8Page - Texas Instruments LM3492MH Datasheet HTML 9Page - Texas Instruments LM3492MH Datasheet HTML 10Page - Texas Instruments LM3492MH Datasheet HTML 11Page - Texas Instruments LM3492MH Datasheet HTML 12Page - Texas Instruments LM3492MH Datasheet HTML 13Page - Texas Instruments LM3492MH Datasheet HTML 14Page - Texas Instruments LM3492MH Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LM3492, LM3492Q
www.ti.com
SNVS656C – SEPTEMBER 2010 – REVISED MAY 2013
Figure 17. Input Voltage UVLO Implemented by Precision Enable
Once the EN pin is pulled low, the LM3492 will perform the following functions: reset IOUT over- and under-
voltage indications and the corresponding COMM bit pattern, resume the switching frequency tuning to the
normal frequency, and resume channel 1 of the current regulator if it is disabled. Pulling the EN pin low for a
short period of about 200 ns can achieve the above functions with nearly no effect on the operation of the boost
converter and the current regulator.
Current Limit
The current limit ICL of the integrated MOSFET of the LM3492 provides a cycle-by-cycle current limit for
protection. It can be decreased by injecting a small signal current IILIM into the ILIM pin, and the relationship
between ICL and IILIM is
ICL = ICL(MAX) – 4290 IILIM
where
ICL(MAX) is the maximum current limit
(2)
Its typical value is 3.9A. As shown in Figure 18, IILIM can be provided by connecting a resistor RILIM from the VCC
pin to the ILIM pin. The typical voltage on the ILIM pin is 0.7V. To obtain the maximum current limit, connect the
ILIM pin to the ground.
Figure 18. Programmable Current Limit
Thermal Protection
Thermal protection is implemented by an internal thermal shutdown circuit, which activates at 165°C (typically) to
disable the LM3492. In this case, the LDO regulator is turned off and the CDHC pin is internally grounded.
Thermal protection helps prevent catastrophic failures from accidental device overheating. When the junction
temperature of the LM3492 falls back below 145°C (typical hysteresis = 20°C), the LM3492 resumes normal
operation.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3492 LM3492Q


Similar Part No. - LM3492MH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3492MH/NOPB TI1-LM3492MH/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492MH/NOPB TI1-LM3492MH/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver
LM3492MHX/NOPB TI1-LM3492MHX/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492MHX/NOPB TI1-LM3492MHX/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver
More results

Similar Description - LM3492MH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3492 TI1-LM3492_15 Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492HC TI1-LM3492HC Datasheet
317Kb / 17P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492 TI1-LM3492 Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver
LM3492HC-Q1 TI1-LM3492HC-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   Two-Channel, Individual Dimmable LED Driver
logo
STMicroelectronics
LED6001 STMICROELECTRONICS-LED6001 Datasheet
559Kb / 26P
   PWM-dimmable single channel LED driver with integrated boost controlle
June 2014 Rev 3
logo
Skyworks Solutions Inc.
SKY82896 SKYWORKS-SKY82896 Datasheet
209Kb / 3P
   Three-Channel-Two-Channel Boost LED Driver
logo
Shenzhen Huazhimei Semi...
HM7140 HMSEMI-HM7140 Datasheet
457Kb / 9P
   Dimmable constant current LED driver
logo
STMicroelectronics
ALED6001 STMICROELECTRONICS-ALED6001 Datasheet
460Kb / 26P
   Automotive-grade PWM-dimmable single channel LED driver with integrated boost controller
November 2015 Rev 2
logo
Diodes Incorporated
AL1673 DIODES-AL1673 Datasheet
317Kb / 15P
   UNIVERSAL FLYBACK AND BUCK-BOOST SINGLE STAGE DIMMABLE LED DRIVER
logo
ON Semiconductor
CAT4109V-GT2 ONSEMI-CAT4109V-GT2 Datasheet
176Kb / 11P
   3-Channel Constant-Current RGB LED Driver with Individual PWM Dimming
Doc. No. MD-5042, Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com