Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3485EVAL Datasheet(PDF) 11 Page - Texas Instruments

Part # LM3485EVAL
Description  LM3485 Hysteretic PFET Buck Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3485EVAL Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3485EVAL Datasheet HTML 7Page - Texas Instruments LM3485EVAL Datasheet HTML 8Page - Texas Instruments LM3485EVAL Datasheet HTML 9Page - Texas Instruments LM3485EVAL Datasheet HTML 10Page - Texas Instruments LM3485EVAL Datasheet HTML 11Page - Texas Instruments LM3485EVAL Datasheet HTML 12Page - Texas Instruments LM3485EVAL Datasheet HTML 13Page - Texas Instruments LM3485EVAL Datasheet HTML 14Page - Texas Instruments LM3485EVAL Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
VIN - VDS - VOUT
L =
'i
x
D
f
LM3485
www.ti.com
SNVS178F – MAY 2004 – REVISED SEPTEMBER 2009
EXTERNAL SENSE RESISTOR
The VDS of a PFET will tend to vary significantly over temperature. This will result an equivalent variation in
current limit. To improve current limit accuracy an external sense resistor can be connected from VIN to the
source of the PFET, as shown in Figure 6.
Figure 6. Current Sensing by External Resistor
PGATE
When switching, the PGATE pin swings from VIN (off) to some voltage below VIN (on). How far the PGATE will
swing depends on several factors including the capacitance, on time, and input voltage.
As shown in the Typical Performance Characteristics, PGATE voltage swing will increase with decreasing gate
capacitance. Although PGATE voltage will typically be around VIN-5V, with every small gate capacitances, this
value can increase to a typical maximum of VIN-8.3V.
Additionally, PGATE swing voltage will increase as on time increases. During long on times, such as when
operating at 100% duty cycle, the PGATE voltage will eventually fall to its maximum voltage of VIN-8.3V (typical)
regardless of the PFET gate capacitance.
The PGATE voltage will not fall below 0.4V (typical). Therefore, when the input voltage falls below approximately
9V, the PGATE swing voltage range will be reduced. At an input voltage of 7V, for instance, PGATE will swing
from 7V to a minimum of 0.4V.
Design Information
Hysteretic control is a simple control scheme. However the operating frequency and other performance
characteristics highly depend on external conditions and components. If either the inductance, output
capacitance, ESR, VIN, or Cff is changed, there will be a change in the operating frequency and output ripple.
The best approach is to determine what operating frequency is desirable in the application and then begin with
the selection of the inductor and COUT ESR.
INDUCTOR SELECTION (L1)
The important parameters for the inductor are the inductance and the current rating. The LM3485 operates over
a wide frequency range and can use a wide range of inductance values. A good rule of thumb is to use the
equations used for National's Simple Switchers®. The equation for inductor ripple (
Δi) as a function of output
current (IOUT) is:
for Iout < 2.0Amps
Δi ≤ Iout * 0.386827 * Iout
−0.366726
for Iout > 2.0Amps
Δi ≤ Iout * 0.3
The inductance can be calculated based upon the desired operating frequency where:
(7)
And
Copyright © 2004–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3485


Similar Part No. - LM3485EVAL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI-LM3485 Datasheet
1Mb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI-LM3485 Datasheet
996Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
More results

Similar Description - LM3485EVAL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485MMX TI-LM3485MMX Datasheet
996Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475 Datasheet
1Mb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485MM TI-LM3485MM Datasheet
1Mb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI-LM3475_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM3475 Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com