Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPM12C0A0R04FA Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # IPM12C0A0R04FA
Description  Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

IPM12C0A0R04FA Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button IPM12C0A0R04FA_14 Datasheet HTML 4Page - Delta Electronics, Inc. IPM12C0A0R04FA_14 Datasheet HTML 5Page - Delta Electronics, Inc. IPM12C0A0R04FA_14 Datasheet HTML 6Page - Delta Electronics, Inc. IPM12C0A0R04FA_14 Datasheet HTML 7Page - Delta Electronics, Inc. IPM12C0A0R04FA_14 Datasheet HTML 8Page - Delta Electronics, Inc. IPM12C0A0R04FA_14 Datasheet HTML 9Page - Delta Electronics, Inc. IPM12C0A0R04FA_14 Datasheet HTML 10Page - Delta Electronics, Inc. IPM12C0A0R04FA_14 Datasheet HTML 11Page - Delta Electronics, Inc. IPM12C0A0R04FA_14 Datasheet HTML 12Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
DS_IPM04C0A0R06_10142013
8
DESIGN CONSIDERATIONS
Safety Considerations
For safety-agency approval the power module must be
installed in compliance with the spacing and separation
requirements of the end-use safety agency standards.
For the converter output to be considered meeting the
requirements of safety extra-low voltage (SELV), the
input must meet SELV requirements. The power module
has extra-low voltage (ELV) outputs when all inputs are
ELV.
The input to these units is to be provided with a
maximum 10A time-delay fuse in the ungrounded lead.
Remote On/Off
The IPM series power modules have an On/Off control
pin for output voltage remote On/Off operation. The
On/Off pin is an open collector/drain logic input signal
that is referenced to ground. When On/Off control pin is
not used, leave the pin unconnected.
The remote on/off pin is internally connected to +Vin
through an internal pull-up resistor. Figure 27 shows the
circuit configuration for applying the remote on/off pin.
The module will execute a soft start ON when the
transistor Q1 is in the off state.
The typical rise for this remote on/off pin at the output
voltage of 0.9V and 3.3V are shown in Figure 17 and 18.
Vo
On/Off
Vin
GND
IPM
Q1
RL
Figure 27: Remote on/off implementation
FEATURES DESCRIPTIONS
Over-Current Protection
To provide protection in an output over load fault
condition, the unit is equipped with internal over-current
protection.
When
the
over-current
protection
is
triggered, the unit enters hiccup mode. The units
operate normally once the fault condition is removed.
Pre-Bias Startup Capability
The IPM would perform the monotonic startup into the
pre-bias loads; so as to avoid a system voltage drop
occur upon application. In complex digital systems an
external voltage can sometimes be presented at the
output of the module during power on. This voltage may
be feedback through a multi-supply logic component,
such as FPGA or ASIC. Another way might be via a
clamp diode as part of a power up sequencing
implementation.
Output Voltage Programming
The output voltage of IPM can be programmed to any
voltage between 0.9Vdc and 3.3Vdc by connecting one
resistor (shown as Rtrim in Figure 28, 29) between the
TRIM and GND pins of the module to trim up (0.9V ~
3.3V) and between the Trim and +Output to trim down
(0.8V ~ 0.9V). Without this external resistor, the output
voltage of the module is 0.9 Vdc. To calculate the value of
the resistor Rtrim for a particular output voltage Vo,
please use the following equation:
Trim up
Rtrim =
7.0
- 0.187 (K
Ω )
Vadj.
–0.9
Trim Down
Rtrim =
2.0
- 10.187 (K
Ω )
0.9
– Vadj.
Rtrim is the external resistor in K
Ω
Vout is the desired output voltage


Similar Part No. - IPM12C0A0R04FA_14

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IPM12C0A0R04FA DELTA-IPM12C0A0R04FA Datasheet
765Kb / 15P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules: 8V~14V input, 0.9~5V and 4A Output Current
IPM12C0A0R04FA DELTA-IPM12C0A0R04FA Datasheet
741Kb / 15P
   Copper pad to provide excellent thermal performance
IPM12C0A0R04FA DELTA-IPM12C0A0R04FA Datasheet
769Kb / 15P
   Output short circuit protection
More results

Similar Description - IPM12C0A0R04FA_14

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IPM24S0A0S DELTA-IPM24S0A0S Datasheet
595Kb / 15P
   Delphi Series IPM24S0A0, Non-Isolated Integrated Point-of-Load Power Modules
IPM24S0C0SR03FA DELTA-IPM24S0C0SR03FA Datasheet
488Kb / 12P
   Delphi Series IPM24S0C0, Non-Isolated,Integrated Point-of-Load Power Modules
DNM04S0A0R10PFD DELTA-DNM04S0A0R10PFD_14 Datasheet
744Kb / 17P
   Delphi DNM, Non-Isolated Point of Load DC/DC Power Modules
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_14 Datasheet
687Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules
DCM04S0A0S12PFA DELTA-DCM04S0A0S12PFA_14 Datasheet
817Kb / 17P
   Delphi DCM, Non-Isolated Point of Load DC/DC Power Modules
DCM12S0A0S12NFA DELTA-DCM12S0A0S12NFA_14 Datasheet
1,022Kb / 21P
   Delphi DCM, Non-Isolated Point of Load DC/DC Power Modules
DNS10S0A0R06NFD DELTA-DNS10S0A0R06NFD_14 Datasheet
567Kb / 16P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules
DNT04S0A0R03NFA DELTA-DNT04S0A0R03NFA_14 Datasheet
544Kb / 14P
   Delphi DNT04, Non-Isolated Point of Load DC/DC Power Modules
DNL10S0A0S16NFD DELTA-DNL10S0A0S16NFD_14 Datasheet
745Kb / 16P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules
DCL12S0A0S20NFA DELTA-DCL12S0A0S20NFA_14 Datasheet
825Kb / 20P
   Delphi DCL, Non-Isolated Point of Load DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com