Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBS150A Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # DBS150A
Description  DC-DC Converters Power Module type
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DBS150A Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  DBS150A Datasheet HTML 1Page - List of Unclassifed Manufacturers DBS150A Datasheet HTML 2Page - List of Unclassifed Manufacturers DBS150A Datasheet HTML 3Page - List of Unclassifed Manufacturers DBS150A Datasheet HTML 4Page - List of Unclassifed Manufacturers DBS150A Datasheet HTML 5Page - List of Unclassifed Manufacturers DBS150A Datasheet HTML 6Page - List of Unclassifed Manufacturers DBS150A Datasheet HTML 7Page - List of Unclassifed Manufacturers DBS150A Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
¡EFFICIENCY CHARACTERISTICS (DBS700B28)
¡INPUT CURRENT CHARACTERISTICS (DBS700B28)
4
5
2
1
0
100
200
300
400
500
0
INPUT VOLTAGE
V
76
78
80
82
84
86
88
92
90
20
040
60
80
100
120
LOAD FACTOR
3
Io=100%
50%
Input Volt.= 280Vdc
DBS
DBS-9
DBS700B
External view
¶Weight: 180g max
¶Tolerance: ±0.3 [
t0.012]
¶Base Plate: Aluminum
¶Dimensions in mm, [
]= inches
¶Mounting hole screwing torque: 0.49N· m(5.0kgf · cm)
Mounting Hole for
Heat Sink(FG)
Lot No.
RC1
-VIN
Name Plate
Signal Pin
CB VB TMP RC3 RC2
TRM +S -S IOG AUX
+VIN
+VOUT
-VOUT
Base Plate(Aluminum)
4-M3
Mounting Hole
(FG)
4-M3
2.54
2.54
106.68
116.8±1
101.6±0.5
106.68
37.08
4
†2.54=10.16
¶Recomending size for processing PCB
DC IN/DC OUT/RC1 Pin
Signal Pin
Part A
(TOP VIEW)
11-
º1.7
4-
º3.5
10-
º0.6
3.0±0.5
3.0
t=0.8
37.08
[1.45]
106.68
[4.2]
10-
º1.2
+1
-0.5
A
4
†2.54
=10.16
[0.03]
[0.12]
[0.12]
[0.02]
[0.1]
[0.1]
[0.1]
[0.4]
[4.2]
[1.46]
Case
(PBT)
[4.6]
[4]
[4.2]
[0.4]
¶Div.: 0.5inch
[0.14]
Dimensions in mm, [
]= inches
[0.07]
[0.05]
Performance data


Similar Part No. - DBS150A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DBS150A ETC2-DBS150A Datasheet
268Kb / 8P
   DC-DC Converters Power Module type
More results

Similar Description - DBS150A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DHS50A ETC2-DHS50A Datasheet
230Kb / 12P
   DC-DC Converters Power Module type
CBS502412 ETC2-CBS502412 Datasheet
268Kb / 10P
   DC-DC Converters Power Module type
DBS400B24 ETC2-DBS400B24 Datasheet
268Kb / 8P
   DC-DC Converters Power Module type
SUS1R5 ETC2-SUS1R5 Datasheet
656Kb / 8P
   DC-DC Converters PCB Mount type
logo
COSEL CO., LTD.
SFS10 COSEL-SFS10 Datasheet
1Mb / 8P
   DC-DC Converters PCB Mount Type
logo
List of Unclassifed Man...
ZUS1R52405 ETC2-ZUS1R52405 Datasheet
492Kb / 12P
   DC-DC Converters PCB Mount type
logo
COSEL CO., LTD.
SFCS15 COSEL-SFCS15 Datasheet
601Kb / 4P
   DC-DC Converters PCB Mount Type
SUW1R50515 COSEL-SUW1R50515 Datasheet
240Kb / 11P
   DC-DC Converters PCB Mount Type
June 26, 2020
ZUW1R5 COSEL-ZUW1R5 Datasheet
469Kb / 12P
   DC-DC Converters PCB Mount type
logo
List of Unclassifed Man...
SFS302415B ETC2-SFS302415B Datasheet
691Kb / 8P
   DC-DC Converters PCB Mount type
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com