Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC307 Datasheet(PDF) 2 Page - Picker Components

Part # PC307
Description  Ultraminiature PCB Telecom Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC307 Datasheet(HTML) 2 Page - Picker Components

  PC307_14 Datasheet HTML 1Page - Picker Components PC307_14 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PC307
PC307
COIL DATA
Coil Voltage
3
5
9
12
24
Resistance
ohms + 10%
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
Continuous
Voltage Max.
(VDC)
15
60
167
540
960
3840
2.4
4.0
7.2
9.6
19.2
0.3
0.5
0.9
1.2
2.4
6.0
10.0
18.0
24.0
48.0
_
Sales: (888) 997-3933, (972) 713-6272 Fax: (972) 724-0964 email: sales@pickercomponents.com URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PAGE 2
Caution: 1. The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2. Pickup and release voltage are for test purposes only and are not to be used as design criteria.
+ .010 unless otherwise noted
1.5
1.2
0.15
3.0
Dimensions in Inches (millimeters)
Side View
End View
Bottom View
PC Board Layout
Wiring Diagram
6
240
4.8
0.6
12.0
(7.62)
.30
(2.54)
.10
.20
5.08)
(
Drawings are 2X actual size
(7.5)
.295
(12.5)
.492
(10.0)
.394
(3.5)
.138
(1.0)
.040 Dia. Typ.
Coil
Power
150
150
150
150
150
150
150


Similar Part No. - PC307_14

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC307-12A PICKER-PC307-12A Datasheet
151Kb / 2P
   Ultraminiature PCB Telecom Relay
PC307-12AX PICKER-PC307-12AX Datasheet
151Kb / 2P
   Ultraminiature PCB Telecom Relay
PC307-12G PICKER-PC307-12G Datasheet
151Kb / 2P
   Ultraminiature PCB Telecom Relay
PC307-12GX PICKER-PC307-12GX Datasheet
151Kb / 2P
   Ultraminiature PCB Telecom Relay
PC307 PICKER-PC307_17 Datasheet
1Mb / 2P
   Ultraminiature 1 Amp PCB Signal Relay
More results

Similar Description - PC307_14

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
HG4507 DBLECTRO-HG4507 Datasheet
49Kb / 2P
   Ultraminiature PCB Telecom Relay
logo
Picker Components
PC307 PICKER-PC307 Datasheet
151Kb / 2P
   Ultraminiature PCB Telecom Relay
PC565 PICKER-PC565 Datasheet
131Kb / 2P
   Ultraminiature Automotive PCB Power Relay
logo
DB Lectro Inc
HG4520 DBLECTRO-HG4520 Datasheet
41Kb / 2P
   Automotive Ultraminiature PCB Power Relay
logo
Picker Components
PC567 PICKER-PC567_17 Datasheet
328Kb / 2P
   Ultraminiature Automotive PCB Twin Relay
PC312B PICKER-PC312B Datasheet
171Kb / 2P
   Subminiature PCB Telecom Relay
PC312B PICKER-PC312B_14 Datasheet
173Kb / 2P
   Subminiature PCB Telecom Relay
logo
DB Lectro Inc
HG4516 DBLECTRO-HG4516 Datasheet
59Kb / 2P
   Subminiature PCB Telecom Relay
HG4100 DBLECTRO-HG4100 Datasheet
58Kb / 2P
   Subminiature PCB Telecom Relay
logo
Picker Components
PC322 PICKER-PC322 Datasheet
158Kb / 2P
   Subminiature PCB Telecom Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com