Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR605 Datasheet(PDF) 2 Page - Formosa MS

Part # FR605
Description  6.0 AMP FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FR605 Datasheet(HTML) 2 Page - Formosa MS

  FR605 Datasheet HTML 1Page - Formosa MS FR605 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
10
100
500
RATING AND CHARACTERISTIC CURVES (FR601 THRU FR607)
CHARACTERISTICS
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
6
5
4
3
2
1
350
300
250
200
150
100
50
0
(+)
(+)
25Vdc
(approx.)
( )
( )
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
W
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
0.1
0.5
1
2
5
10
20
50
100
200
500
1000
D.U.T.
.6
.8
1.0
1.2
1.4
1.6
1.8
2.0
40
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0.375"(9.5mm) Lead Length
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTICS
10
NONINDUCTIVE
50
NONINDUCTIVE
W
W
Tj=25 C
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
100
0
200
300
400
500
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
0.1
0
20
40
60
80
100
120
140
160
180
200
0
FIG.1-TYPICAL FORWARD
AMBIENT TEMPERATURE,( C)


Similar Part No. - FR605

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
FR605 DEC-FR605 Datasheet
667Kb / 2P
   Fast switching for high efficiency
logo
Won-Top Electronics
FR605 WTE-FR605 Datasheet
51Kb / 3P
   6.0A FAST RECOVERY RECTIFIER
logo
Formosa MS
FR605 FORMOSA-FR605 Datasheet
101Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
logo
DAESAN ELECTRONIC CORP.
FR605 DAESAN-FR605 Datasheet
314Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Diotech Company.
FR605 DIOTECH-FR605 Datasheet
667Kb / 2P
   FAST RECOVERY RECTIFIER
More results

Similar Description - FR605

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
FR601 DGNJDZ-FR601 Datasheet
128Kb / 2P
   6.0 AMP FAST RECOVERY RECTIFIERS
logo
Shenzhen Yixinwei Techn...
FR601 YIXIN-FR601 Datasheet
235Kb / 2P
   6.0 AMP FAST RECOVERY RECTIFIERS
logo
Goodwork Semiconductor ...
FR601 GWSEMI-FR601 Datasheet
68Kb / 2P
   6.0 AMP FAST RECOVERY RECTIFIERS
logo
Bytes
FR601 BYTES-FR601 Datasheet
152Kb / 2P
   6.0 AMP FAST RECOVERY RECTIFIERS
logo
UNIOHM CORPORATION
FR601 UNIOHM-FR601 Datasheet
66Kb / 2P
   6.0 AMP FAST RECOVERY RECTIFIERS
logo
First Components Intern...
FR60 FCI-FR60 Datasheet
102Kb / 2P
   6.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
logo
UNIOHM CORPORATION
SF61 UNIOHM-SF61 Datasheet
70Kb / 2P
   6.0 AMP SUPER FAST RECTIFIERS
logo
Shenzhen Yixinwei Techn...
SF61 YIXIN-SF61 Datasheet
243Kb / 2P
   6.0 AMP SUPER FAST RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
SF61-DO-27 YFWDIODE-SF61-DO-27 Datasheet
291Kb / 2P
   6.0 AMP SUPER FAST RECTIFIERS
SF61 YFWDIODE-SF61 Datasheet
70Kb / 2P
   6.0 AMP SUPER FAST RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com