Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NOME337M006R0023 Datasheet(PDF) 2 Page - AVX Corporation

Part # NOME337M006R0023
Description  OxiCap짰 NOM Low ESR Multianodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

NOME337M006R0023 Datasheet(HTML) 2 Page - AVX Corporation

  NOME337M006R0023 Datasheet HTML 1Page - AVX Corporation NOME337M006R0023 Datasheet HTML 2Page - AVX Corporation NOME337M006R0023 Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
APRIL 2014
171
NON-BURN
NON-SMOKE
LEAD-FREE COMPATIBLE
COMPONENT
OxiCap
® NOM Low ESR Multianodes
Niobium Oxide Capacitor
Capacitance
Rated Voltage DC (VR) to 85°C / 0.66 DC to 105ºC / 0.5 DC to 125ºC
μF
Code
1.8V (x)
2.5V (e)
4.0V (G)
6.3V (J)
220
227
E(40)
330
337
E(35)
E(23,35)
470
477
E(30)
E(23,30)
680
687
E(23)
E(23)
CAPACITANCE AND RATED VOLTAGE RANGE
(LETTER DENOTES CASE SIZE)
Available Ratings, (ESR ratings in mOhms in brackets)
Engineering samples - please contact manufacturer
*Codes under development - subject to change
Note: Voltage ratings are minimum values. AVX reserves the right to supply
higher ratings in the same case size, to the same reliability standards.
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
ESR allowed to move up to 125 times catalog limit post mounting.
For typical weight and composition see page 202.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
RATINGS & PART NUMBER REFERENCE
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (A)
AVX
Case Capacitance
Voltage
Temperature Voltage
Temperature
(μA)
%
Max. (mΩ)
MSL
25ºC
85ºC
125ºC
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
Max.
Max.
@ 100kHz
1.8 Volt @ 85°C
NOME687M001#0023
E
680
1.8
85
0.9
125
24.5
6
23
3
3.753
3.378
1.501
2.5 Volt @ 85°C
NOME477M002#0030
E
470
2.5
85
1.3
125
23.5
10
30
3
3.286
2.958
1.315
NOME687M002#0023
E
680
2.5
85
1.3
125
34
6
23
3
3.753
3.378
1.501
4 Volt @ 85°C
NOME337M004#0035
E
330
4
85
2
125
26.4
8
35
3
3.043
2.738
1.217
NOME477M004#0023
E
470
4
85
2
125
37.6
6
23
3
3.753
3.378
1.501
NOME477M004#0030
E
470
4
85
2
125
37.6
6
30
3
3.286
2.958
1.315
6.3 Volt @ 85°C
NOME227M006#0040
E
220
6.3
85
3
125
26.4
12
40
3
2.846
2.561
1.138
NOME337M006#0023
E
330
6.3
85
3
125
39.6
6
23
3
3.753
3.378
1.501
NOME337M006#0035
E
330
6.3
85
3
125
39.6
6
35
3
3.043
2.738
1.217


Similar Part No. - NOME337M006R0023

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
NOME227M001R0040 AVX-NOME227M001R0040 Datasheet
192Kb / 4P
   Niobium Oxide Capacitor
NOME227M001S0040 AVX-NOME227M001S0040 Datasheet
192Kb / 4P
   Niobium Oxide Capacitor
NOME227M002R0040 AVX-NOME227M002R0040 Datasheet
192Kb / 4P
   Niobium Oxide Capacitor
NOME227M002S0040 AVX-NOME227M002S0040 Datasheet
192Kb / 4P
   Niobium Oxide Capacitor
NOME227M004R0040 AVX-NOME227M004R0040 Datasheet
192Kb / 4P
   Niobium Oxide Capacitor
More results

Similar Description - NOME337M006R0023

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
NBM AVX-NBM Datasheet
118Kb / 2P
   NBM Multianodes OxiCap짰 Ultra Low ESR Capacitor COTS-Plus Weibull Grade
NOSB107M001-0350 AVX-NOSB107M001-0350 Datasheet
117Kb / 4P
   OxiCap짰 NOS Low ESR Series Niobium Oxide Capacitor
NBME687M001CSB07 AVX-NBME687M001CSB07 Datasheet
119Kb / 3P
   OxiCap짰 Ultra Low ESR Capacitor COTS-Plus Weibull Grade
TPSX157M010R0100 AVX-TPSX157M010R0100 Datasheet
146Kb / 11P
   Low ESR
TPSB226K016R0400 AVX-TPSB226K016R0400 Datasheet
146Kb / 11P
   Low ESR
TPSV107M020R0085 AVX-TPSV107M020R0085 Datasheet
159Kb / 11P
   Low ESR
TPSC107K002R0100V AVX-TPSC107K002R0100V Datasheet
137Kb / 11P
   Low ESR
logo
Nichicon corporation
RR7 NICHICON-RR7 Datasheet
652Kb / 2P
   Low ESR
logo
AVX Corporation
TPSC336M016R0225 AVX-TPSC336M016R0225 Datasheet
199Kb / 16P
   Low ESR
TPSA476K006R0800 AVX-TPSA476K006R0800 Datasheet
146Kb / 11P
   Low ESR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com