Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE5511279A-A Datasheet(PDF) 2 Page - California Eastern Labs

Part # NE5511279A-A
Description  NECS 7.5 V UHF BAND RF POWER SILICON LD-MOS FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE5511279A-A Datasheet(HTML) 2 Page - California Eastern Labs

  NE5511279A-A Datasheet HTML 1Page - California Eastern Labs NE5511279A-A Datasheet HTML 2Page - California Eastern Labs NE5511279A-A Datasheet HTML 3Page - California Eastern Labs NE5511279A-A Datasheet HTML 4Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ABSOLUTE MAXIMUM RATINGS1 (TA = 25 °C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VDS
Drain Supply Voltage2
V
20.0
VGS
Gate Supply Voltage
V
6.0
ID
Drain Current
A
3.0
PTOT
Total Power Dissipation
W
20
TCH
Channel Temperature
°C
125
TSTG
Storage Temperature
°C
-55 to +125
Note:
1. Operation in excess of any one of these parameters may result
in permanent damage.
2. VDS must be used under 12 V on RF operation.
NE5511279A
PART NUMBER
QTY
NE5511279A-T1-A
• 12 mm wide embossed taping.
• Gate pin faces the perforation side of
the tape.
• 1 Kpcs/Reel
NE5511279A-T1A-A
ORDERING INFORMATION
RECOMMENDED OPERATING LIMITS
SYMBOLS
PARAMETERS
UNITS TYP
MAX
VDS
Drain to Source Voltage
V
7.5
8.0
VGS
Gate Supply Voltage
V
2.0
3.0
IDS
Drain Current1
A
2.5
3.0
PIN
Input Power
dBm
27
30
f = 900 MHz, VDS = 7.5 V
4.0
1.7
6.1
0.5
0.5
Source
Gate
Drain
Through hole φ 0.2 × 33
P.C.B. LAYOUT (Units in mm)
79A PACKAGE
Note:
Use rosin or other material to prevent solder from penetrating
through-holes.
f = 900 MHz
5
4
3
2
1
0
45
40
35
30
25
20
10
15
20
25
30
35
Pout
IDS
ηadd
ηd
100
75
50
25
0
TYPICAL PERFORMANCE CURVES (TA= 25°C)
OUTPUT POWER, DRAIN CURRENT,
ηd
, ηadd vs. INPUT POWER
Input Power,Pin (dBm)
f = 460 MHz
5
4
3
2
1
0
45
40
35
30
25
20
10
15
20
25
30
35
Pout
IDS
ηadd
ηd
100
75
50
25
0
OUTPUT POWER, DRAIN CURRENT,
ηd
, ηadd vs. INPUT POWER
Input Power,Pin (dBm)


Similar Part No. - NE5511279A-A

ManufacturerPart #DatasheetDescription
logo
NEC
NE5511279A-T1 NEC-NE5511279A-T1 Datasheet
99Kb / 3P
   NECS 7.5 V UHF BAND RF POWER SILICON LD-MOS FET
logo
Renesas Technology Corp
NE5511279A-T1 RENESAS-NE5511279A-T1 Datasheet
272Kb / 10P
   SILICON POWER MOS FET
2003
logo
California Eastern Labs
NE5511279A-T1-A CEL-NE5511279A-T1-A Datasheet
296Kb / 4P
   7.5 V UHF BAND RF POWER SILICON LD-MOS FET
logo
NEC
NE5511279A-T1A NEC-NE5511279A-T1A Datasheet
99Kb / 3P
   NECS 7.5 V UHF BAND RF POWER SILICON LD-MOS FET
logo
Renesas Technology Corp
NE5511279A-T1A RENESAS-NE5511279A-T1A Datasheet
272Kb / 10P
   SILICON POWER MOS FET
2003
More results

Similar Description - NE5511279A-A

ManufacturerPart #DatasheetDescription
logo
NEC
NE5511279A-T1 NEC-NE5511279A-T1 Datasheet
99Kb / 3P
   NECS 7.5 V UHF BAND RF POWER SILICON LD-MOS FET
logo
California Eastern Labs
NE5511279A CEL-NE5511279A Datasheet
296Kb / 4P
   7.5 V UHF BAND RF POWER SILICON LD-MOS FET
logo
Renesas Technology Corp
NE5531079A RENESAS-NE5531079A Datasheet
240Kb / 11P
   7.5 V OPERATION SILICON RF POWER LDMOS FET FOR UHF-BAND 10 W TRANSMISSION AMPLIFIERS
logo
California Eastern Labs
NE5531079A CEL-NE5531079A Datasheet
382Kb / 8P
   7.5 V OPERATION SILICON RF POWER LDMOS FET FOR UHF-BAND 10 W TRANSMISSION AMPLIFIERS
logo
NEC
NE5520279A NEC-NE5520279A Datasheet
166Kb / 7P
   NECS 3.2 V, 2 W, L&S BAND MEDIUM POWER SILICON LD-MOSFET
logo
California Eastern Labs
NE552R479A CEL-NE552R479A Datasheet
495Kb / 9P
   NECs 3.0 V, 0.25 W L&S-BAND MEDIUM POWER SILICON LD-MOSFET
NE5520379A CEL-NE5520379A Datasheet
390Kb / 9P
   NECs 3.2V, 3W, L/S BAND MEDIUM POWER SILICON LD-MOSFET
UPD5702TU CEL-UPD5702TU Datasheet
176Kb / 4P
   NECs 2.4 GHz Si LD MOS POWER AMPLIFIER
logo
Mitsubishi Electric Sem...
2SK2975 MITSUBISHI-2SK2975 Datasheet
29Kb / 3P
   RF POWER MOS FET(VHF/UHF power amplifiers)
2SK2974 MITSUBISHI-2SK2974 Datasheet
29Kb / 3P
   RF POWER MOS FET(VHF/UHF power amplifiers)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com