Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRP024V480W1AA Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # DRP024V480W1AA
Description  CliQ DIN Rail Power Supply
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DRP024V480W1AA Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button DRP024V480W1AA Datasheet HTML 5Page - Delta Electronics, Inc. DRP024V480W1AA Datasheet HTML 6Page - Delta Electronics, Inc. DRP024V480W1AA Datasheet HTML 7Page - Delta Electronics, Inc. DRP024V480W1AA Datasheet HTML 8Page - Delta Electronics, Inc. DRP024V480W1AA Datasheet HTML 9Page - Delta Electronics, Inc. DRP024V480W1AA Datasheet HTML 10Page - Delta Electronics, Inc. DRP024V480W1AA Datasheet HTML 11Page - Delta Electronics, Inc. DRP024V480W1AA Datasheet HTML 12Page - Delta Electronics, Inc. DRP024V480W1AA Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
TECHNICAL DATASHEET
CliQ DIN Rail Power Supply
24V 480W 1 Phase / DRP024V480W1AA
All parameters are specified at 25°C ambient unless otherwise indicated.
www.DeltaPSU.com (May 2014, Rev. 03)
10
Power Boost
������������������������������������(%)= ��������
������������������������������������
������������������������������������������������������������������������(����������������)=(������������������������������������������������)+(������������-��������������������������������������������)
������������������������������������
OR
������������-������������������������������������=�����������������×�������������������������������������−(����������������������������������������×��������)
��������
An example of Power Boost and Average Output Power
Power Boost
Peak Power
(WP)
Power Boost
Duration (TP)
Duty Cycle
Non-Peak
Power (WN)
Non-Peak Power
Duration (TN)
Total Time
(T)
200%
960
2 sec
5%
455W
38 sec
40 sec
150%
720
3 sec
10%
453W
27 sec
30 sec
150%
720
3 sec
35%
349W
5.5 sec
8.5 sec
120%
576
6 sec
20%
456W
24 sec
30 sec
120%
576
6 sec
35%
428W
11 sec
17 sec
It is not recommended to prolong the duration of Power Boost to be longer than the specified duty cycle calculation, this may cause
damage to the PSU.
Power Boost is the reserve power available
constantly that allows reliable startup to
support sudden and short spike of loads
with high inrush current typically during turn
on to remove the need of more expensive
higher rated power supply unit. After the
output has reached its steady state set
value, the power supply can support surge
loads
with
a
higher
short-term
power
demand up to 200% of maximum rated load
(IO Max), for a maximum duration of 2
seconds, or 150% of maximum rated load
for a maximum duration of 5 seconds. The
Power Boost is also available to repeatedly
basis with according to the condition of an
average (R.M.S) output power shall not
exceed continuous operating condition or
refer to duty cycle calculation below.


Similar Part No. - DRP024V480W1AA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP024V480W1AA DELTA-DRP024V480W1AA Datasheet
1Mb / 2P
   CliQ Din Rail Power Supply 24V 480W 1 Phase
More results

Similar Description - DRP024V480W1AA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP012V030W1AY DELTA-DRP012V030W1AY Datasheet
689Kb / 12P
   CliQ DIN Rail Power Supply
DRP012V100W1AA DELTA-DRP012V100W1AA_14 Datasheet
834Kb / 12P
   CliQ DIN Rail Power Supply
DRP024V060W1AZ DELTA-DRP024V060W1AZ_12 Datasheet
807Kb / 11P
   CliQ DIN Rail Power Supply
DRP-24V48W1AZ DELTA-DRP-24V48W1AZ Datasheet
1Mb / 12P
   CliQ DIN Rail Power Supply
DRP024V240W1AA DELTA-DRP024V240W1AA_14 Datasheet
1Mb / 13P
   CliQ DIN Rail Power Supply
DRP024V120W1AA DELTA-DRP024V120W1AA_14 Datasheet
1Mb / 13P
   CliQ DIN Rail Power Supply
DRP012V060W1AA DELTA-DRP012V060W1AA_13 Datasheet
631Kb / 12P
   CliQ DIN Rail Power Supply
DRP012V015W1AY DELTA-DRP012V015W1AY Datasheet
694Kb / 12P
   CliQ DIN Rail Power Supply
DRP024V060W1AA DELTA-DRP024V060W1AA_14 Datasheet
1Mb / 13P
   CliQ DIN Rail Power Supply
DRP-24V100W1NN DELTA-DRP-24V100W1NN Datasheet
1Mb / 13P
   CliQ II DIN Rail Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com