Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRP024V240W1AA Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # DRP024V240W1AA
Description  CliQ DIN Rail Power Supply
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DRP024V240W1AA Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  DRP024V240W1AA Datasheet HTML 1Page - Delta Electronics, Inc. DRP024V240W1AA Datasheet HTML 2Page - Delta Electronics, Inc. DRP024V240W1AA Datasheet HTML 3Page - Delta Electronics, Inc. DRP024V240W1AA Datasheet HTML 4Page - Delta Electronics, Inc. DRP024V240W1AA Datasheet HTML 5Page - Delta Electronics, Inc. DRP024V240W1AA Datasheet HTML 6Page - Delta Electronics, Inc. DRP024V240W1AA Datasheet HTML 7Page - Delta Electronics, Inc. DRP024V240W1AA Datasheet HTML 8Page - Delta Electronics, Inc. DRP024V240W1AA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TECHNICAL DATASHEET
CliQ DIN Rail Power Supply
24V 240W 1 Phase / DRP024V240W1AA
All parameters are specified at 25°C ambient unless otherwise indicated.
www.DeltaPSU.com (May 2014, Rev. 03)
3
Mechanical
Case Cover / Chassis
Aluminium
Dimensions (L x W x D)
121 x 85 x 118.5 mm
Unit Weight
1.04 kg
Indicator
Green LED (DC OK)
Cooling System
Convection
Terminal
Input
3 Pins (Rated 300V/20A)
Output
2 Pins (Rated 300V/20A)
Wire
AWG 22-14
Mounting Rail
Standard TS35 DIN Rail in accordance with EN 60715
Noise (1 Meter from power supply)
Sound Pressure Level (SPL) < 40dBA
Environment
Surrounding Air Temperature
Operating
-20°C to +80°C
Storage
-25°C to +85°C
Power De-rating
Vertical Mounting
> 50°C de-rate power by 2.5% / °C,
> 70°C de-rate power by 4% / °C
Operating Humidity
5 to 95% RH (Non-Condensing)
Operating Altitude
0 to 2,000 Meters
Shock Test (Non-Operating)
IEC 60068-2-27, 30G (300m/S²) for a duration of 18ms,
3 times per direction, 18 times in total
Vibration (Non-Operating)
IEC 60068-2-6, 10Hz to 150Hz @ 50m/S² (5G peak);
90 min per axis for all X, Y, Z direction
Pollution Degree
2
Protections
Overvoltage
32V ±10%, SELV Output, Hiccup Mode,
Non-Latching (Auto-Recovery)
Overload / Overcurrent
> 150% of rated load current, Hiccup Mode,
Non-Latching (Auto-Recovery)
Over Temperature
< 80°C Surrounding Air Temperature @ 100% load,
Non-Latching (Auto-Recovery)
Short Circuit
Hiccup Mode, Non-Latching
(Auto-Recovery when the fault is removed)
Protection Against Shock
Class I with PE* connection
*PE: Primary Earth
Reliability Data
MTBF
> 300,000 hrs. as per Telcordia SR-332
I/P: 115Vac, O/P: 100% load, Ta: 25°C
Expected Cap Life Time
10 years (115Vac & 230Vac, 50% load @ 40°C)


Similar Part No. - DRP024V240W1AA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP024V240W1AA DELTA-DRP024V240W1AA Datasheet
1Mb / 2P
   CliQ Din Rail Power Supply 24V 240W 1 Phase
More results

Similar Description - DRP024V240W1AA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP012V030W1AY DELTA-DRP012V030W1AY Datasheet
689Kb / 12P
   CliQ DIN Rail Power Supply
DRP012V100W1AA DELTA-DRP012V100W1AA_14 Datasheet
834Kb / 12P
   CliQ DIN Rail Power Supply
DRP024V480W1AA DELTA-DRP024V480W1AA_14 Datasheet
1Mb / 13P
   CliQ DIN Rail Power Supply
DRP024V060W1AZ DELTA-DRP024V060W1AZ_12 Datasheet
807Kb / 11P
   CliQ DIN Rail Power Supply
DRP-24V48W1AZ DELTA-DRP-24V48W1AZ Datasheet
1Mb / 12P
   CliQ DIN Rail Power Supply
DRP024V120W1AA DELTA-DRP024V120W1AA_14 Datasheet
1Mb / 13P
   CliQ DIN Rail Power Supply
DRP012V060W1AA DELTA-DRP012V060W1AA_13 Datasheet
631Kb / 12P
   CliQ DIN Rail Power Supply
DRP012V015W1AY DELTA-DRP012V015W1AY Datasheet
694Kb / 12P
   CliQ DIN Rail Power Supply
DRP024V060W1AA DELTA-DRP024V060W1AA_14 Datasheet
1Mb / 13P
   CliQ DIN Rail Power Supply
DRP-24V100W1NN DELTA-DRP-24V100W1NN Datasheet
1Mb / 13P
   CliQ II DIN Rail Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com