Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0603C0G1E3R6BTX Datasheet(PDF) 10 Page - TDK Electronics

Part # C0603C0G1E3R6BTX
Description  MULTILAYER CERAMIC CHIP CAPACITORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C0603C0G1E3R6BTX Datasheet(HTML) 10 Page - TDK Electronics

Back Button C0603C0G1E3R6BTX Datasheet HTML 6Page - TDK Electronics C0603C0G1E3R6BTX Datasheet HTML 7Page - TDK Electronics C0603C0G1E3R6BTX Datasheet HTML 8Page - TDK Electronics C0603C0G1E3R6BTX Datasheet HTML 9Page - TDK Electronics C0603C0G1E3R6BTX Datasheet HTML 10Page - TDK Electronics C0603C0G1E3R6BTX Datasheet HTML 11Page - TDK Electronics C0603C0G1E3R6BTX Datasheet HTML 12Page - TDK Electronics C0603C0G1E3R6BTX Datasheet HTML 13Page - TDK Electronics C0603C0G1E3R6BTX Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TDK MLCC US Catalog
Version B11
Page 156
G
General
Specifications
C0603 Series – High Q Capacitors
No.
Item
Performance
Test or Inspection Method
12
Temperature cycle
Reflow solder the capacitors on a P.C. board (shown in
Appendix 1) before testing.
Expose the capacitor in the conditions in step 1
through step 4, and repeat 5 times consecutively.
Leave the capacitor in ambient conditions for 6 to 24h
before measurement.
External
appearance
No mechanical damage.
Capacitance
Q (Class 1)
C : Rated capacitance (pF)
Insulation
Resistance
Meet the initial spec.
Voltage
Proof
No insulation breakdown or other
damage.
13
Moisture Resistance (Steady State)
Reflow solder the capacitor on P.C. board (shown in
Appendix 1) before testing.
Leave at temperature 40 2ºC, 90 to 95%RH for 500
+24,0h.
Leave the capacitor in ambient condition for 6 to 24h
before measurement.
External
appearance
No mechanical damage.
Capacitance
Q (Class 1)
C : Rated capacitance (pF)
Insulation
Resistance
1,000M min.
Characteristics
Change from the
value before test
Class 1
C0G
Capacitance drift within
2.5% or
0.25pF,
whichever larger.
Rated Capacitance
Q
C
30pF
1,000 min.
C < 30pF
400 + 20 C min.
Step
Temperature (ºC)
Time (min.)
1
Min. operating temp.
3
30 ± 3
2
Reference Temp.
2 – 5
3
Max. operating temp.
2
30 ± 2
4
Reference Temp.
2 - 5
Characteristics
Change from the
value before test
Class 1
C0G
Capacitance drift within
5% or
0.5pF,
whichever larger.
Rated Capacitance
Q
C
30pF
350 min.
10pF
C < 30pF
275 + 5/2 C min.
C < 10pF
200 + 10 C min.
* This series is available through the distribution channel only. Please see www.tdk.com/distributor.php for a list of authorized distributors.


Similar Part No. - C0603C0G1E3R6BTX

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C0603C0G1E3R3C030BA TDK-C0603C0G1E3R3C030BA Datasheet
130Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603C0G1E3R3C030BA TDK-C0603C0G1E3R3C030BA_14 Datasheet
130Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603C0G1E3R3C030BA TDK-C0603C0G1E3R3C030BA_17 Datasheet
184Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C0603C0G1E3R6BTX

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com